Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3869 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # 2SC3869
Description  Silicon NPN triple diffusion type
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SC3869 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  2SC3869 Datasheet HTML 1Page - Panasonic Semiconductor 2SC3869 Datasheet HTML 2Page - Panasonic Semiconductor 2SC3869 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Power Transistors
Parameter
Collector to base voltage
Collector to emitter voltage
Emitter to base voltage
Peak collector current
Collector current
Base current
Collector power
dissipation
Junction temperature
Storage temperature
Symbol
VCBO
VCES
VCEO
VEBO
ICP
IC
IB
PC
Tj
Tstg
Ratings
500
500
400
7
10
5
1.5
35
2
150
–55 to +150
Unit
V
V
V
V
A
A
A
W
˚C
˚C
TC=25°C
Ta=25
°C
2SC3869
Silicon NPN triple diffusion planar type
For high-speed switching
s Features
q
High-speed switching
q
High collector to base voltage VCBO
q
Wide area of safe operation (ASO)
q
Satisfactory linearity of foward current transfer ratio hFE
q
Full-pack package which can be installed to the heat sink with
one screw
s Absolute Maximum Ratings (T
C=25˚C)
s Electrical Characteristics (T
C=25˚C)
Parameter
Collector cutoff current
Emitter cutoff current
Collector to emitter voltage
Forward current transfer ratio
Collector to emitter saturation voltage
Base to emitter saturation voltage
Transition frequency
Turn-on time
Storage time
Fall time
Symbol
ICBO
IEBO
VCEO
hFE1
hFE2
VCE(sat)
VBE(sat)
fT
ton
tstg
tf
Conditions
VCB = 500V, IE = 0
VEB = 5V, IC = 0
IC = 10mA, IB = 0
VCE = 5V, IC = 0.1A
VCE = 5V, IC = 2A
IC = 2A, IB = 0.4A
IC = 2A, IB = 0.4A
VCE = 10V, IC = 0.5A, f = 1MHz
IC = 2A, IB1 = 0.4A, IB2 = – 0.8A,
VCC = 150V
min
400
15
8
typ
15
max
100
100
1.0
1.5
0.7
2.0
0.3
Unit
µA
µA
V
V
V
MHz
µs
µs
µs
Unit: mm
1:Base
2:Collector
3:Emitter
TO–220 Full Pack Package(a)
10.0
±0.2
5.5
±0.2
0.5
+0.2
–0.1
1.4
±0.1
1.3
±0.2
0.8
±0.1
2.54
±0.25
5.08
±0.5
2
13
2.7
±0.2
4.2
±0.2
φ3.1±0.1


Similar Part No. - 2SC3869

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC3860 SANYO-2SC3860 Datasheet
88Kb / 2P
PNP/ NPN EPITAXIAL PLANAR SILICON TRANSISTORS
logo
Toshiba Semiconductor
2SC3862 TOSHIBA-2SC3862 Datasheet
206Kb / 3P
NPN EPITAXIAL PLANAR TYPE (TY TUNER, UHF MIXER, VHF~UHF BAND RF AMPLIFIER APPLICATIONS
2SC3862 TOSHIBA-2SC3862 Datasheet
614Kb / 4P
Silicon NPN Epitaxial Planar Type TV Tuner, UHF Mixer Applications
logo
Inchange Semiconductor ...
2SC3862 ISC-2SC3862 Datasheet
218Kb / 4P
High Gain Bandwidth Product
logo
Toshiba Semiconductor
2SC3862 TOSHIBA-2SC3862_07 Datasheet
614Kb / 4P
Silicon NPN Epitaxial Planar Type TV Tuner, UHF Mixer Applications
More results

Similar Description - 2SC3869

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SC5121 PANASONIC-2SC5121 Datasheet
38Kb / 2P
Silicon NPN triple diffusion planar type
2SD1350 PANASONIC-2SD1350 Datasheet
39Kb / 2P
Silicon NPN triple diffusion planer type
2SD2215 PANASONIC-2SD2215 Datasheet
49Kb / 2P
Silicon NPN triple diffusion planar type(Silicon NPN triple diffusion planar type)
2SC3496 PANASONIC-2SC3496 Datasheet
98Kb / 4P
Silicon NPN triple diffusion planar type
2SC5884 PANASONIC-2SC5884 Datasheet
75Kb / 3P
Silicon NPN triple diffusion mesa type
2SC5909 PANASONIC-2SC5909 Datasheet
78Kb / 3P
Silicon NPN triple diffusion mesa type
22SC5405 PANASONIC-22SC5405 Datasheet
37Kb / 2P
Silicon NPN triple diffusion planar type
2SC3870 PANASONIC-2SC3870 Datasheet
59Kb / 3P
Silicon NPN triple diffusion planar type
2SD1264A-P PANASONIC-2SD1264A-P Datasheet
208Kb / 3P
Silicon NPN triple diffusion planar type
2SC5914 PANASONIC-2SC5914 Datasheet
65Kb / 3P
Silicon NPN triple diffusion mesa type
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com