Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4111 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # 2SC4111
Description  Silicon NPN triple diffusion planar type
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SC4111 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  2SC4111 Datasheet HTML 1Page - Panasonic Semiconductor 2SC4111 Datasheet HTML 2Page - Panasonic Semiconductor 2SC4111 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Power Transistors
2SC4111
PC —Ta
IC —VCE
VCE(sat) —IC
VBE(sat) —IC
hFE —IC
fT —IC
Cob —VCB
Area of safe operation (ASO)
Area of safe operation, horizontal operation ASO
0
160
40
120
80
140
20
100
60
0
200
150
50
100
(1)
(3)
(2)
(1) T
C=Ta
(2) With a 100
× 100 × 2mm
Al heat sink
(3) With a 50
× 50 × 2mm
Al heat sink
Ambient temperature Ta (˚C)
012
10
8
26
4
0
12
10
8
6
4
2
T
C=25˚C
0.1A
0.05A
0.2A
0.5A
0.7A
1A
I
B=2A
Collector to emitter voltage V
CE
(V)
0.01
0.1
1
10
0.03
0.3
3
0.01
0.03
0.1
0.3
1
3
10
30
100
I
C/IB=2.8
–25˚C
25˚C
T
C=100˚C
Collector current I
C
(A)
0.01
0.1
1
10
0.03
0.3
3
0.1
100
10
1
0.3
3
30
I
C/IB=2.8
T
C=–25˚C
25˚C
100˚C
Collector current I
C
(A)
0.01
0.1
1
10
0.03
0.3
3
1
1000
100
10
3
30
300
V
CE=5V
T
C=100˚C
–25˚C
25˚C
Collector current I
C
(A)
0.01
0.1
1
10
0.03
0.3
3
0.1
100
10
1
0.3
3
30
V
CE=10V
f=0.5MHz
T
C=25˚C
Collector current I
C
(A)
1
3
10
30
100
10
10000
1000
100
30
300
3000
I
E=0
f=1MHz
T
C=25˚C
Collector to base voltage V
CB
(V)
1
10
100
1000
3
30
300
0.01
0.03
0.1
0.3
1
3
10
30
100
Non repetitive pulse
T
C=25˚C
I
CP
I
C
DC
10ms
t=1ms
Collector to emitter voltage V
CE
(V)
0
1600
400
1200
800
1400
200
1000
600
0
40
30
10
25
35
20
5
15
I
CP
<1mA
f=15.75kHz, T
C=25˚C
Area of safe operation for
the single pulse load curve
due to discharge in the
high-voltage rectifier tube
during horizontal operation
Collector to emitter voltage V
CE
(V)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com