Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3271F Datasheet(PDF) 3 Page - Rohm

Part # 2SC3271F
Description  Chroma Amplifier Transistor (300V, 0.1A)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SC3271F Datasheet(HTML) 3 Page - Rohm

  2SC3271F Datasheet HTML 1Page - Rohm 2SC3271F Datasheet HTML 2Page - Rohm 2SC3271F Datasheet HTML 3Page - Rohm 2SC3271F Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SC4061K / 2SC3415S / 2SC4015
Transistors
Rev.A
3/3
510 20
50
100 200
500 1000
12
1m
2m
5m
10m
20m
50m
100m
200m
500m
COLLECTOR TO EMITTER VOLTAGE : VCE (V)
Fig.10 Safe operating area
IC Max (Pulse)
DC
Ta=25
°C
∗single
nonrepetitive
pulse



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com