Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US2DF Datasheet(PDF) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

Part # US2DF
Description  Surface Mount Ultra Fast Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
Direct Link  http://www.trr-jx.com
Logo JUXING - Guangdong Juxing Electronics Technology Co., Ltd.

US2DF Datasheet(HTML) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

  US2DF Datasheet HTML 1Page - Guangdong Juxing Electronics Technology Co., Ltd. US2DF Datasheet HTML 2Page - Guangdong Juxing Electronics Technology Co., Ltd. US2DF Datasheet HTML 3Page - Guangdong Juxing Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Reverse Voltage - 50 to 1000 V
Forward Current - 2 A
PINNING
PIN
1
2
DESCRIPTION
Cathode
Anode
Top View
Marking Code: US2A~US2M
Simplified outline SMAF and symbol
FEATURES
For surface mounted applications
Low profile package
Glass Passivated Chip Juntion
Easy to pick and place
High efficiency
Lead free in comply with EU RoHS 2011/65/EU directives
MECHANICAL DATA
Case: SMAF
Terminals: Solderable per MIL-STD-750, Method 2026
pprox. Weight:
•
•
•
•
•
•
•
•
• A
27mg 0.00086oz
Ratings at 25
ambient temperature unless otherwise specified.
Single phase half-wave 60 Hz, resistive or inductive load, for capacitive load current derate by 20 %.
°C
Maximum Ratings and Electrical characteristics
1
2
US2AF THRU US2MF
Surface Mount Ultra Fast Rectifiers
http://www.trr-jx.com
http://www.trr-jx.com
version: 02
Maximum DC Blocking Voltage
Peak Forward Surge Current 8.3 ms Single Half
Sine Wave Superimposed on Rated Load
Maximum Instantaneous Forward Voltage at 2 A
Parameter
Maximum Repetitive Peak Reverse Voltage
Maximum RMS voltage
Operating and Storage Temperature Range
Maximum DC Reverse Current
= 25
°C
at Rated DC Blocking Voltage
T =125
°C
a
Ta
Maximum Reverse Recovery Time
VRRM
VRMS
VDC
IF(AV)
IFSM
VF
IR
Symbols
50
100
200
400
600
800
1000
V
35
70
140
280
420
560
700
V
50
100
200
400
600
800
1000
V
2
50
1.3
5
100
50
75
-55 ~ +150
A
A
V
μA
ns
°C
Units
T , T
j
stg
trr
Typical Thermal Resistance
RθJA
R
θJC
65
20
°C/W
1.65
1.0
Maximum Average Forward Rectified Current
at T = 125
°C
c
(1)
(2)
US2AF
US2BF US2DF
US2GF
US2JF
US2KF US2MF
.
(2)
(1)Measured with I = 0.5 A, I = 1 A, I = 0.25 A
F
R
rr
P.C.B. mounted with 2.0" X 2.0" (5 X 5 cm) copper pad areas.


Similar Part No. - US2DF

ManufacturerPart #DatasheetDescription
logo
Microdiode Semiconducto...
US2DF CHENDA-US2DF Datasheet
652Kb / 2P
SURFACE MOUNT ULTRA FAST RECTIFIER
logo
SUNMATE electronic Co.,...
US2DF SUNMATE-US2DF Datasheet
485Kb / 2P
SURFACE MOUNT ULTRA FAST RECTIFIER DIODES
logo
Nanjing International G...
US2DF DGNJDZ-US2DF Datasheet
279Kb / 2P
2.0 AMP SURFACE MOUNT HIGH EFFICENCY RECTIFIERS
US2DF DGNJDZ-US2DF Datasheet
279Kb / 2P
2.0 AMP SURFACE MOUNT HIGH EFFICENCY RECTIFIERS
US2DF DGNJDZ-US2DF Datasheet
279Kb / 2P
2.0 AMP SURFACE MOUNT HIGH EFFICENCY RECTIFIERS
More results

Similar Description - US2DF

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
US1A WEITRON-US1A Datasheet
128Kb / 3P
Surface Mount Ultra Fast Rectifiers
logo
HY ELECTRONIC CORP.
UF1AA HY-UF1AA Datasheet
35Kb / 2P
SURFACE MOUNT ULTRA FAST RECTIFIERS
logo
EIC discrete Semiconduc...
US1A EIC-US1A Datasheet
67Kb / 2P
SURFACE MOUNT ULTRA FAST RECTIFIERS
logo
Guangdong Juxing Electr...
US2A JUXING-US2A Datasheet
1Mb / 3P
Surface Mount Ultra Fast Rectifiers
US3ABF JUXING-US3ABF Datasheet
620Kb / 3P
Surface Mount Ultra Fast Rectifiers
US2A JUXING-US2A_18 Datasheet
1Mb / 2P
Surface Mount Ultra Fast Rectifiers
US1ABF JUXING-US1ABF Datasheet
1Mb / 3P
Surface Mount Ultra Fast Rectifiers
US3A JUXING-US3A_18 Datasheet
1Mb / 2P
Surface Mount Ultra Fast Rectifiers
US2A_18 JUXING-US2A_18_03 Datasheet
1Mb / 2P
Surface Mount Ultra Fast Rectifiers
DHE1A JUXING-DHE1A_19 Datasheet
1Mb / 3P
Surface Mount Ultra Fast Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com