Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4630LS Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # 2SC4630LS
Description  900V/100mA High-Voltage Amplifier,High-Voltage Switching Applications
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC4630LS Datasheet(HTML) 2 Page - Sanyo Semicon Device

  2SC4630LS Datasheet HTML 1Page - Sanyo Semicon Device 2SC4630LS Datasheet HTML 2Page - Sanyo Semicon Device 2SC4630LS Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2SC4630LS
No.3699-2/3
ITR07314
8
6
12
10
20
18
16
14
4
2
0
02
14
38
710
9
6
5
IC -- VCE
ITR07313
IB=0
hFE -- IC
IC -- VCE
ITR07316
IC -- VBE
ITR07315
120
100
0
20
60
80
40
3
2
100
10
5
7
5
7
3
2
3
10
100
30
40
50
60
70
80
90
20
0
Tc=120
°C
--40
°C
25
°C
1.0
10
2
7
23
5
7
23
5
100
02
16
5
4
38
710
9
IB=0
1mA
2mA
3mA
4mA
5mA
6mA
7mA
8mA
9mA
10mA
50
µA
100
µA
150
µA
200
µA
250
µA
300
µA
350µA
400µA
450
µA
500
µA
VCE=5V
0
0.2
0.4
0.6
0.8
1.0
1.2
Cob -- VCB
ITR07318
f T -- IC
ITR07317
10
5
7
1.0
7
5
3
2
5
1.0
10
3
2
5
3
2
7
7
5
0.1
23
5
7 1.0
2
3
57
2
3
57
10
100
VCE=10V
1.0
3
25
7
5
3
2
10
f=1MHz
Collector-to-Emitter Voltage, VCE -- V
Collector-to-Emitter Voltage, VCE -- V
Base-to-Emitter Voltage, VBE -- V
Collector Current, IC -- mA
Collector-to-Base Voltage, VCB -- V
Collector Current, IC -- mA
Continued from preceding page.
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Collector-to-Emitter Saturation Voltage
VCE(sat)
IC=20mA, IB=4mA
5
V
Base-to-Emitter Saturation Voltage
VBE(sat)
IC=20mA, IB=4mA
2
V
Collector-to-Base Breakdown Voltage
V(BR)CBO
IC=1mA, IE=0
1500
V
Collector-to-Emitter Breakdown Voltage
V(BR)CEO
IC=1mA, RBE=∞
900
V
Emitter-to-Base Breakdown Voltage
V(BR)EBO
IE=1mA, IC=0
5
V
Output Capacitance
Cob
VCB=100V, f=1MHz
2.8
pF
Thermal Resistance
Rthj-c
Junction – case
12.5
°C / W



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com