Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4631LS Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # 2SC4631LS
Description  900V/300mA High-Voltage Amplifier,High-Voltage Switching Applications
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC4631LS Datasheet(HTML) 2 Page - Sanyo Semicon Device

  2SC4631LS Datasheet HTML 1Page - Sanyo Semicon Device 2SC4631LS Datasheet HTML 2Page - Sanyo Semicon Device 2SC4631LS Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2SC4631LS
No.3700-2/3
ITR07323
20
30
50
40
10
0
024
8
10
6
13
79
5
IC -- VCE
ITR07322
IB=0
hFE -- IC
IC -- VCE
ITR07325
2
5
5
3
3
3
2
7
7
10
100
250
300
50
350
400
100
150
200
0
02468
10
13579
5mA
10mA
15mA
20mA
30mA
35mA
40mA
45mA
50mA
25mA
IB=0
1.0
10
23
5
7
2
3
5
2
3
5
7 100
VCE=5V
IC -- VBE
ITR07324
0
40
80
120
160
200
240
280
320
0
0.2
0.4
0.6
0.8
1.0
1.2
0.1mA
0.2mA
0.3mA
0.4mA
0.5mA
0.6mA
0.7mA
0.8mA
0.9mA
1.0mA
ITR07326
Cob -- VCB
10
7
5
3
2
100
7
5
3
2
1.0
10
7
5
3
2
2
1.0
7
5
0.1
1.0
3
22
77
55
10
32
7
5
100
3
ITR07327
f T -- IC
1.0
27
10
100
35
2
7
35
VCE=10V
f=1MHz
Tc=120°C
25°C
--40°C
VCE=5V
Collector-to-Emitter Voltage, VCE -- V
Collector-to-Emitter Voltage, VCE -- V
Base-to-Emitter Voltage, VBE -- V
Collector Current, IC -- mA
Collector-to-Base Voltage, VCB -- V
Collector Current, IC -- mA
Continued from preceding page.
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Collector-to-Emitter Saturation Voltage
VCE(sat)
IC=60mA, IB=12mA
5
V
Base-to-Emitter Saturation Voltage
VBE(sat)
IC=60mA, IB=12mA
2
V
Collector-to-Base Breakdown Voltage
V(BR)CBO
IC=1mA, IE=0
1500
V
Collector-to-Emitter Breakdown Voltage
V(BR)CEO
IC=1mA, RBE=∞
900
V
Emitter-to-Base Breakdown Voltage
V(BR)EBO
IE=1mA, IC=0
5
V
Output Capacitance
Cob
VCB=100V, f=1MHz
5.0
pF
Thermal Resistance
Rthj-c
Junction – case
6.25
°C / W



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com