Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4633LS Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # 2SC4633LS
Description  1200V/30mA High-Voltage Amplifier,High-Voltage Switching Applications
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC4633LS Datasheet(HTML) 2 Page - Sanyo Semicon Device

  2SC4633LS Datasheet HTML 1Page - Sanyo Semicon Device 2SC4633LS Datasheet HTML 2Page - Sanyo Semicon Device 2SC4633LS Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2SC4633LS
No.3702-2/3
ITR07341
0.8
1.2
2.0
1.6
0.4
0
024
8
10
6
IC -- VCE
ITR07340
IB=0
Cob -- VCB
hFE -- IC
ITR07343
5
5
3
2
2
7
7
1.0
10
0.1
1.0
52
3
5
10
23
5
100
23
5
f T -- IC
ITR07342
10
µA
40
µA
20
µA
50
µA
60
µA
30
µA
ITR07344
VBE(sat) -- IC
1.0
7
5
3
2
5
3
2
0.1
1.0
0.1
7
7
5
5
5
3
3
2
2
ITR07345
VCE(sat) -- IC
1.0
0.1
10
52
3
5
2
2
35
35
1.0
0.1
10
52
3
5
2
2
35
35
IC / IB=5
IC / IB=5
f=1MHz
5
5
3
3
2
2
7
7
1.0
10
0.1
1.0
57
2
3
57
10
23
5
7
VCE=10V
Ta=25
°C
5
5
3
2
7
7
10
100
1.0
0.1
52
3
5
2
23
3
55
10
Ta=120
°C
25°C
--40°C
Ta= --40°C
25°C
120°C
VCE=5V
--40
°C
Ta=120
°C
25
°C
80
µA
90
µA
Collector-to-Emitter Voltage, VCE -- V
Collector Current, IC -- mA
Collector-to-Base Voltage, VCB -- V
Collector Current, IC -- mA
Collector Current, IC -- mA
Collector Current, IC -- mA
Continued from preceding page.
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Collector-to-Emitter Saturation Voltage
VCE(sat)
IC=3mA, IB=0.6mA
5
V
Base-to-Emitter Saturation Voltage
VBE(sat)
IC=3mA, IB=0.6mA
2
V
Collector-to-Base Breakdown Voltage
V(BR)CBO
IC=100µA, IE=0
1500
V
Collector-to-Emitter Breakdown Voltage
V(BR)CEO
IC=1mA, RBE=∞
1200
V
Emitter-to-Base Breakdown Voltage
V(BR)EBO
IE=100µA, IC=0
5
V
Output Capacitance
Cob
VCB=100V, f=1MHz
2.0
pF
Thermal Resistance
Rthj-c
Junction – case
8.3
°C / W



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com