Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4634LS Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # 2SC4634LS
Description  1500V/10mA High-Voltage Amplifier,High-Voltage Switching Applications
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC4634LS Datasheet(HTML) 2 Page - Sanyo Semicon Device

  2SC4634LS Datasheet HTML 1Page - Sanyo Semicon Device 2SC4634LS Datasheet HTML 2Page - Sanyo Semicon Device 2SC4634LS Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2SC4634LS
No.3703-2/3
ITR07350
0.2
0.3
0.5
0.4
0.1
0
024
8
10
6
IC -- VCE
ITR07349
IB=0
IC -- VBE(on)
IC -- VCE
ITR07352
0
2
4
6
8
10
12
0
0.2
0.4
0.6
0.8
10
14
12
hFE -- IC
ITR07351
2
µA
4
µA
6
µA
8
µA
10
µA
12
µA
14
µA
ITR07353
Cob -- VCB
1.0
10
7
7
5
5
3
2
2
10
1.0
7
7
5
5
3
2
ITR07354
f T -- IC
1.0
0.1
57
7
23
5
2
0.1
1.0
57
7
23
5
10
7
23
5
100
7
23
5
f=1MHz
5
5
3
3
2
7
7
10
100
0.1
1.0
57
2
3
5
7
10
22
35
7
VCE=5V
VCE=10V
VCE=5V
12
0
8
4
16
20
02
4
8
610
--40°C
Ta=120
°C
25°C
18
µA
IB=0
0.2mA
0.4mA
0.6mA
0.8mA
1.0mA
1.2mA
1.4mA
1.6mA
1.8mA
2.0mA
Collector-to-Emitter Voltage, VCE -- V
Collector-to-Emitter Voltage, VCE -- V
Collector Current, IC -- mA
Collector-to-Base Voltage, VCB -- V
Collector Current, IC -- mA
Base-to-Emitter ON Voltage, VBE(on) -- V
Continued from preceding page.
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Collector-to-Emitter Saturation Voltage
VCE(sat)
IC=500µA, IB=100µA5
V
Base-to-Emitter Saturation Voltage
VBE(sat)
IC=500µA, IB=100µA2
V
Collector-to-Base Breakdown Voltage
V(BR)CBO
IC=10µA, IE=0
1500
V
Collector-to-Emitter Breakdown Voltage
V(BR)CEO
IC=100µA, RBE=∞
1500
V
Emitter-to-Base Breakdown Voltage
V(BR)EBO
IE=10µA, IC=0
5
V
Output Capacitance
Cob
VCB=100V, f=1MHz
1.5
pF
Thermal Resistance
Rthj-c
Junction – case
12.5
°C / W



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com