Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4710LS Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # 2SC4710LS
Description  2100V/10mA High-Voltage Amplifier,High-Voltage Switching Applications
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC4710LS Datasheet(HTML) 2 Page - Sanyo Semicon Device

  2SC4710LS Datasheet HTML 1Page - Sanyo Semicon Device 2SC4710LS Datasheet HTML 2Page - Sanyo Semicon Device 2SC4710LS Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2SC4710LS
No.3688-2/3
ITR07477
ITR07478
IC -- VCE
2
1.0
0.1
5
3
2
5
7
3
100
10
57
35
7
3
0.1
1.0
2
57
3
2
10
2
7
3
10
1.0
0.1
5
7
3
2
5
7
3
22
5
5
7
2
3
5
7
2
3
Ta
=120
°C
25°C
ITR07475
ITR07476
02468
10
hFE -- IC
06
8
4
210
0
400
600
1000
800
200
6
8
2
0
10
4
VCE=5V
IB=0
5
µA
10
µA
20
µA
15
µA
25µA
30µA
35µ
A
IC -- VCE
40µ
A
45µ
A
--40°C
IB=0
50
µA
100
µA
400µA
200
µA
600µA
800µA
1000µ
A
1200µ
A
1400µ
A
1600
µA
1800
µA
VCE(sat) -- IC
IC / IB=5
Ta=120
°C
--40
°C
25
°C
VBE(sat) -- IC
ITR07479
1.0
0.1
57
57
2
32
35
7
23
10
7
2
3
5
10
7
2
3
5
1.0
IC / IB=5
Ta= --40°C
25°C
120°C
ITR07480
0
0.6
0.8
1.0
0.4
0.2
1.4
1.2
6
8
10
0
2
4
12
IC -- VBE(ON)
VCE=5V
Collector-to-Emitter Voltage, VCE -- V
Collector-to-Emitter Voltage, VCE -- V
Collector Current, IC -- mA
Base-to-Emitter ON Voltage, VBE(on) -- V
Collector Current, IC -- mA
Collector Current, IC -- mA
Continued from preceding page.
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Collector-to-Emitter Saturation Voltage
VCE(sat)
IC=1mA, IB=200µA5
V
Base-to-Emitter Saturation Voltage
VBE(sat)
IC=1mA, IB=200µA2
V
Collector-to-Base Breakdown Voltage
V(BR)CBO
IC=10µA, IE=0
2100
V
Collector-to-Emitter Breakdown Voltage
V(BR)CEO
IC=100µA, RBE=∞
2100
V
Emitter-to-Base Breakdown Voltage
V(BR)EBO
IE=10µA, IC=0
5
V
Output Capacitance
Cob
VCB=100V, f=1MHz
1.3
pF



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com