Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

514MLF Datasheet(PDF) 2 Page - Integrated Device Technology

Part # 514MLF
Description  PLL CLOCK GENERATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

514MLF Datasheet(HTML) 2 Page - Integrated Device Technology

  514MLF Datasheet HTML 1Page - Integrated Device Technology 514MLF Datasheet HTML 2Page - Integrated Device Technology 514MLF Datasheet HTML 3Page - Integrated Device Technology 514MLF Datasheet HTML 4Page - Integrated Device Technology 514MLF Datasheet HTML 5Page - Integrated Device Technology 514MLF Datasheet HTML 6Page - Integrated Device Technology 514MLF Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ICS514
LOCO™ PLL CLOCK GENERATOR
CLOCK MULTIPLIER
IDT™ / ICS™ LOCO™ PLL CLOCK GENERATOR
2
ICS514
REV G 051310
Pin Assignment
Clock Decoding Table (MHz) with 14.31818
MHz Crystal or Clock Input
0 = connect directly to ground
1 = connect directly to VDD
M = leave unconnected (floating)
CLK and REF stop low in power-down state
Pin Descriptions
Notes:
1. With S1 = S0 = 0, the internal PLL is turned off and the CLK outputs stops low. The crystal oscillator and
REF output are still active.
2. With a clock input, the phase relationship between the input and the output clocks can change each time
the device is powered on. If a fixed phase relationship is required, use the ICS571 or other zero delay
multipliers.
X1/ I C L K
VD D
GN D
S1
RE F
S0
CL K
X2
1
2
3
4
8
7
6
5
8 - p i n ( 1 5 0 mil) S OIC
S1
S0
CLK
Multiplier
Accuracy
0
0
Power-down CLK
—
—
0
1
25
1.746
1 ppm
M
0
33.33
2.328
0.008%
M
1
40
2.794
1 ppm
1
0
50
3.492
1 ppm
1
1
66.66
4.656
0.008%
Pin
Number
Pin
Name
Pin
Type
Pin Description
1
XI/ICLK
Input
Crystal connection to a 14.31818 MHz crystal or clock input.
2
VDD
Power
Connect to +3.3 V or +5 V.
3
GND
Power
Connect to ground.
4
REF
Output
Reference 14.31818 MHz crystal oscillator buffered clock output.
5
CLK
Output
Clock output per table above.
6
S0
Tri-level Input
Select 0 for output clock. Connect to GND or VDD or float. See
table above.
7
S1
Tri-level Input
Select 1 for output clock. Connect to GND or VDD or float. See
table above.
8
X2
Output
Crystal connection to a 14.31818 MHz crystal. Leave unconnected
for clock input.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com