Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4745 Datasheet(PDF) 1 Page - Hitachi Semiconductor

Part # 2SC4745
Description  Charcater Display Horizontal Deflection Output
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SC4745 Datasheet(HTML) 1 Page - Hitachi Semiconductor

  2SC4745 Datasheet HTML 1Page - Hitachi Semiconductor 2SC4745 Datasheet HTML 2Page - Hitachi Semiconductor 2SC4745 Datasheet HTML 3Page - Hitachi Semiconductor 2SC4745 Datasheet HTML 4Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Feature
• High speed switching
tf = 0.2 µs typ
• High breakdown voltage
VCBO = 1500 V
• Isolated package; TO-3PFM
Absolute Maximum Ratings (Ta = 25°C)
Item
Symbol Rating Unit
————————————————————–
Collector to base voltage
VCBO
1500
V
————————————————————–
Collector to emitter voltage
VCEO
800
V
————————————————————–
Emitter to base voltage
VEBO
6V
————————————————————–
Collector current
IC
6A
————————————————————–
Collector peak current
iC(peak) 7A
————————————————————–
Collector surge current
iC(surge) 16
A
————————————————————–
Collector power dissipation
PC*1
50
W
————————————————————–
Junction temperature
Tj
150
°C
————————————————————–
Storage temperature
Tstg
–55 to °C
+150
————————————————————–
Note: 1. Value at TC = 25°C.
1 2
3
TO-3PFM
1. Base
2. Collector
3. Emitter
Electrical Characteristics (Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test condition
———————————————————————————————————————————
Collector to emitter breakdown voltage
V(BR)CEO 800
—
—
V
IC = 10 mA, RBE = ∞
———————————————————————————————————————————
Emitter to base breakdown voltage
V(BR)EBO 6
——V
IE = 10 mA, IC = 0
———————————————————————————————————————————
Collector cutoff current
ICES
—
—
500
µA
VCE = 1500 V, RBE = 0
———————————————————————————————————————————
DC current transfer ratio
hFE
7
—
30
VCE = 5 V, IC = 1 A
———————————————————————————————————————————
Collector to emitter saturation voltage
VCE(sat)
——5
V
IC = 5 A, IB = 1 A
———————————————————————————————————————————
Base to emitter saturation voltage
VBE(sat)
—
—
1.5
V
IC = 5 A, IB = 1 A
———————————————————————————————————————————
2SC4745
Silicon NPN Triple Diffused
Character Display Horizontal Deflection Output


Similar Part No. - 2SC4745

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2SC4745 ETC1-2SC4745 Datasheet
55Kb / 2P
Power Bipolar Transistors
logo
Inchange Semiconductor ...
2SC4745 ISC-2SC4745 Datasheet
355Kb / 3P
isc Silicon NPN Power Transistor
logo
New Jersey Semi-Conduct...
2SC4745 NJSEMI-2SC4745 Datasheet
124Kb / 2P
Silicon NPN Power Transistor
More results

Similar Description - 2SC4745

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SD1908 SANYO-2SD1908 Datasheet
116Kb / 3P
CRT Display Horizontal Deflection Output Applications
2SC5698 SANYO-2SC5698 Datasheet
29Kb / 4P
CRT Display Horizontal Deflection Output Applications
logo
Hitachi Semiconductor
2SC4589 HITACHI-2SC4589 Datasheet
376Kb / 3P
CTV/Character Display Horizontal Deflection Output
2SC4744 HITACHI-2SC4744 Datasheet
378Kb / 4P
Charcater Display Horizontal Deflection Output
2SC4877 HITACHI-2SC4877 Datasheet
21Kb / 4P
TV/character display horizontal deflection output
2SC4928 HITACHI-2SC4928 Datasheet
20Kb / 4P
Character Display Horizontal Deflection Output
2SC5132A HITACHI-2SC5132A Datasheet
23Kb / 4P
Character Display Horizontal Deflection Output
logo
Sanyo Semicon Device
2SC3189 SANYO-2SC3189 Datasheet
661Kb / 8P
CRT DISPLAY HORIZONTAL DEFLECTION OUTPUT APPLICATIONS
2SC5699 SANYO-2SC5699 Datasheet
28Kb / 4P
CRT Display Horizontal Deflection Output Applications
TT2076 SANYO-TT2076 Datasheet
45Kb / 3P
For CRT display horizontal deflection output
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com