Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0330000003 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0330000003
Description  MX150 Male Terminal, Tin Plating, 22 AWG, Right Reel Payoff
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

0330000003 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0330000003 Datasheet HTML 1Page - Molex Electronics Ltd. 0330000003 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 10/01/2018
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0330000003
Status:
Active
Overview:
MX150 Sealed and Unsealed Connector System
Description:
MX150 Male Terminal, Tin Plating, 22 AWG, Right Reel Payoff
Documents:
Drawing (PDF)
Application Specification AS-33000-001-CH-001
(PDF)
Product Specification PS-33012-002-001 (PDF)
Application Specification AS-33000-001-FR-001
(PDF)
Product Specification TS-33000-001-001 (PDF)
Packaging Specification 313025040-000 (PDF)
Application Specification AS-33000-001-001 (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Crimp Terminals
Series
33000
Application
Power, Wire-to-Board, Wire-to-Wire
Comments
For automatic and semi-automatic crimping, use Left
Reel Payoff terminals. See Sales Drawing for Left Reel
Payoff Part Numbers.
Crimp Quality Equipment
Yes
Overview
MX150 Sealed and Unsealed Connector System
Product Name
MX150
UPC
800756103549
Physical
Gender
Male
Grip Code
22
Material - Metal
High Performance Alloy (HPA)
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Net Weight
0.369/g
Packaging Type
Reel
Plating min - Mating
0.508µm
Plating min - Termination
0.508µm
Termination Interface: Style
Crimp or Compression
Wire Insulation Diameter
1.65mm max.
Wire Size AWG
22
Wire Size mm²
0.50
Electrical
Current - Maximum per Contact
Contact Molex
Voltage - Maximum
14V DC
Solder Process Data
Lead-freeProcess Capability
N/A
Material Info
Reference - Drawing Numbers
Application Specification
AS-33000-001-001, AS-33000-001-CH-001,
AS-33000-001-FR-001
Packaging Specification
313025040-000
Product Specification
PS-33012-002-001, TS-33000-001-001
Sales Drawing
SD-33000-001
Series image - Reference only
EU ELV
Compliant
EU RoHS
China RoHS
Compliant
REACH SVHC
Not Contained Per -
ED/61/2018 (27 June
2018)
Halogen-Free
Status
Low-Halogen
For more information, please visit Contact US
China ROHS
Green Image
ELV
Compliant
RoHS Phthalates
Not Contained
Search Parts in this Series
33000 Series
Use With
33482 Dual Row Housing, 33481 Single
Row Housing, 33486 Hybrid Housing


Similar Part No. - 0330000003

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0330000003 MOLEX4-0330000003 Datasheet
624Kb / 6P
MX150??Male Terminal, Tin (Sn) Plating, 22 AWG, Right Reel Payoff, Contact MaterialThickness 0.30mm (.012")
More results

Similar Description - 0330000003

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0330122003 MOLEX1-0330122003_18 Datasheet
37Kb / 2P
MX150 Female Terminal Sealed, Tin Plating, 22 AWG, Right Reel Payoff
0340832003 MOLEX1-0340832003_18 Datasheet
31Kb / 1P
MX150 Female Cable Seal Terminal, Tin Plating, 22 AWG, Right Reel Payoff
0330001003 MOLEX1-0330001003_18 Datasheet
31Kb / 2P
MX150 Male Terminal, Tin Plating, 22 AWG, Left Reel Payoff
0330110006 MOLEX1-0330110006_18 Datasheet
31Kb / 1P
MX150 Male Terminal, Gold Plating, 22 AWG, Left Reel Payoff
0330111006 MOLEX1-0330111006_18 Datasheet
31Kb / 2P
MX150 Male Terminal, Gold Plating, 22 AWG, Right Reel Payoff
0330112001 MOLEX1-0330112001_18 Datasheet
31Kb / 2P
MX150 Male Terminal, Silver 22 AWG, Right Reel Payoff
0330113001 MOLEX1-0330113001_18 Datasheet
31Kb / 2P
MX150 Male Terminal, Silver Plating, 22 AWG, Left Reel Payoff
0330000001 MOLEX1-0330000001_18 Datasheet
31Kb / 2P
MX150 Male Terminal, Tin Plating, 14 AWG, Right Reel Payoff
0340800003 MOLEX1-0340800003_18 Datasheet
30Kb / 1P
MX150 Male Cable Seal Terminal, Tin Plating, 22 AWG, Right Reel Payoff
0340801003 MOLEX1-0340801003_18 Datasheet
30Kb / 1P
MX150 Male Cable Seal Terminal, Tin Plating, 22 AWG, Left Reel Payoff
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com