Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5294 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # 2SC5294
Description  For horizontal deflection output
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SC5294 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  2SC5294 Datasheet HTML 1Page - Panasonic Semiconductor 2SC5294 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Power Transistors
2SC5294, 2SC5294A
PC — Ta
Area of safe operation (ASO)
Area of safe operation, horizontal operation ASO
0
160
40
120
80
140
20
100
60
0
250
200
150
100
50
(1) T
C=Ta
(2) With a 100
× 100 × 2mm
Al heat sink
(P
C=12W)
(3) Without heat sink
(P
C=3.5W)
(2)
(3)
(1)
Ambient temperature Ta (˚C)
1
10
100
1000
3
30
300
0.001
0.01
0.1
1
100
10
10ms
1ms
t=100
µs
DC
I
CP
I
C
Non repetitive pulse
T
C=25˚C
Collector to emitter voltage V
CE
(V)
0
2000
500
1500
1000
0
50
40
30
20
10
<1mA
f=64kHz, T
C<90˚C
Area of safe operation with
respect to the single pulse
overload curve at the time of
switching ON, shutting down
by the high voltage spark,
holding down and like that,
during horizontal operation.
Collector to emitter voltage V
CE
(V)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com