Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5380 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # 2SC5380
Description  For horizontal deflection output
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SC5380 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  2SC5380 Datasheet HTML 1Page - Panasonic Semiconductor 2SC5380 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Power Transistors
2SC5380, 2SC5380A
Silicon NPN triple diffusion mesa type
For horizontal deflection output
s Features
q
High breakdown voltage, and high reliability through the use of a
glass passivation layer
q
High-speed switching
q
Wide area of safe operation (ASO)
s Absolute Maximum Ratings (T
C=25˚C)
Parameter
Collector to base voltage
Collector to emitter voltage
Emitter to base voltage
Peak collector current
Collector current
Base current
Collector power
dissipation
Junction temperature
Storage temperature
Symbol
VCBO
VCES
VCEO
VEBO
ICP
IC
IB
PC
Tj
Tstg
Ratings
1500
1500
600
5
20
16
8
100
3.5
150
–55 to +150
Unit
V
V
V
V
A
A
A
W
˚C
˚C
TC=25°C
Ta=25
°C
s Electrical Characteristics (T
C=25˚C)
Parameter
Collector cutoff
current
Emitter cutoff current
Forward current transfer ratio
Collector to emitter saturation voltage
Base to emitter saturation voltage
Transition frequency
Storage time
Fall time
Symbol
ICBO
IEBO
hFE
VCE(sat)
VBE(sat)
fT
tstg
tf
Conditions
VCB = 1000V, IE = 0
VCB = 1500V, IE = 0
VEB = 5V, IC = 0
VCE = 5V, IC = 8A
IC = 8A, IB = 2A
IC = 8A, IB = 2A
VCE = 10V, IC = 0.1A, f = 0.5MHz
IC = 8A, IB1 = 2A, IB2 = –4A
min
8
typ
3
max
50
1
50
16
3
1.5
4.0
0.3
Unit
µA
mA
µA
V
V
MHz
µs
µs
2SC5380
2SC5380A
Unit: mm
1:Base
2:Collector
3:Emitter
TOP–3E Full Pack Package
15.5
±0.5
3.0
±0.3
φ3.2±0.1
5.45
±0.3
123
5.45
±0.3
1.1
±0.1
2.0
±0.2
4.0
5
°
5
°
5
°
5
°
5
°
5
°
0.7
±0.1


Similar Part No. - 2SC5380

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
2SC538 MICRO-ELECTRONICS-2SC538 Datasheet
84Kb / 1P
Low Level and General Purpose Amplifiers
logo
Shindengen Electric Mfg...
2SC5382 SHINDENGEN-2SC5382 Datasheet
475Kb / 10P
Switching Power Transistor(6A NPN)
logo
Savantic, Inc.
2SC5382 SAVANTIC-2SC5382 Datasheet
212Kb / 3P
Silicon NPN Power Transistors
logo
Quanzhou Jinmei Electro...
2SC5382 JMNIC-2SC5382 Datasheet
153Kb / 3P
Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2SC5382 ISC-2SC5382 Datasheet
128Kb / 3P
Silicon NPN Power Transistors
More results

Similar Description - 2SC5380

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SC5294 PANASONIC-2SC5294 Datasheet
37Kb / 2P
For horizontal deflection output
2SC5418 PANASONIC-2SC5418 Datasheet
37Kb / 2P
For horizontal deflection output
logo
List of Unclassifed Man...
2SD1576 ETC-2SD1576 Datasheet
93Kb / 2P
Horizontal Deflection Output
logo
Panasonic Semiconductor
2SD1632 PANASONIC-2SD1632 Datasheet
92Kb / 2P
Horizontal Deflection Output
logo
JILIN SINO-MICROELECTRO...
3DD1555P JSMC-3DD1555P Datasheet
219Kb / 5P
Horizontal deflection output for color TV
3DD5017P JSMC-3DD5017P Datasheet
266Kb / 5P
Horizontal deflection output for color TV
3DD5023P JSMC-3DD5023P Datasheet
210Kb / 5P
Horizontal deflection output for color TV
3DD5024P JSMC-3DD5024P Datasheet
233Kb / 5P
Horizontal deflection output for color TV.
3DD5032P JSMC-3DD5032P Datasheet
223Kb / 5P
Horizontal deflection output for color TV.
3DD5036P JSMC-3DD5036P Datasheet
246Kb / 5P
Horizontal deflection output for color TV.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com