Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5778 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # 2SC5778
Description  Ultrahigh-Definition CRT Display Horizontal Deflection Output Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC5778 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  2SC5778 Datasheet HTML 1Page - Sanyo Semicon Device 2SC5778 Datasheet HTML 2Page - Sanyo Semicon Device 2SC5778 Datasheet HTML 3Page - Sanyo Semicon Device 2SC5778 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SC5778
No.6992-2/4
0
0
2
IC -- VCE
IT03523
IT03525
IT03524
IT03526
6
4
14
12
10
8
12
56
34
789
10
0
0
IC -- VBE
0.2
0.4
0.6
0.8
1.0
1.4
1.2
8
6
16
14
12
10
4
2
1.0
hFE -- IC
23
5
7
2
2
35
7
0.1
1.0
10
10
2
3
5
100
7
2
3
5
7
0.1
VCE(sat) -- IC
23
5
7
2
2
35
7
1.0
10
3
10
0.1
1.0
2
3
5
7
2
3
5
7
5
7
IB=0
0.1A
0.2A
0.4A
0.6A
0.8A
1.2A
1.6A
2.0A
1.0A
1.8A
1.4A
Ta=120
°C
25°
C
--40
°C
Ta= --40°
C
120
°C
25°C
VCE=5V
VCE=5V
IC / IB=5
Collector-to-Emitter Voltage, VCE -- V
Base-to-Emitter Voltage, VBE -- V
Collector Current, IC -- A
Collector Current, IC -- A
Continued from preceding page.
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
DC Current Gain
hFE1VCE=5V, IC=1A
8
hFE2VCE=5V, IC=11A
4
7
Collector-to-Emitter Saturation Voltage
VCE(sat)
IC=10A, IB=2.5A
3.0
V
Base-to-Emitter Saturation Voltage
VBE(sat)
IC=10A, IB=2.5A
1.5
V
Storage Time
tstg
IC=7A, IB1=0.9A, IB2=--3.5A
3.0
µs
Fall Time
tf
IC=7A, IB1=0.9A, IB2=--3.5A
0.2
µs
Diode Forward Voltage
VF
IEC=12A
2.2
V
Switching Time Test Circuit
VR
RB
VCC=200V
VBE= --2V
+
+
50
Ω
INPUT
OUTPUT
RL=28.6Ω
100
µF
470
µF
PW=20
µs
IB1
D.C.
≤1%
IB2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com