Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSC3S910 Datasheet(PDF) 21 Page - Sanken electric

Part # SSC3S910
Description  LLC Current-Resonant Off-Line Switching Controller
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SSC3S910 Datasheet(HTML) 21 Page - Sanken electric

Back Button SSC3S910 Datasheet HTML 17Page - Sanken electric SSC3S910 Datasheet HTML 18Page - Sanken electric SSC3S910 Datasheet HTML 19Page - Sanken electric SSC3S910 Datasheet HTML 20Page - Sanken electric SSC3S910 Datasheet HTML 21Page - Sanken electric SSC3S910 Datasheet HTML 22Page - Sanken electric SSC3S910 Datasheet HTML 23Page - Sanken electric SSC3S910 Datasheet HTML 24Page - Sanken electric SSC3S910 Datasheet HTML 25Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
SSC3S910
SSC3S910 - DSJ Rev.1.5
SANKEN ELECTRIC CO., LTD.
21
Jan. 17, 2018
http://www.sanken-ele.co.jp/en/
© SANKEN ELECTRIC CO., LTD. 2014
8.15 Overvoltage Protection (OVP)
When the voltage between the VCC pin and the GND
pin
is
applied
to
the
OVP
threshold
voltage,
VCC(OVP) = 32.0 V, or more, the Overvoltage Protection
(OVP) is activated, and the IC stops switching operation
in protection mode. After stopping, the VCC pin voltage
decreases to VCC(OFF) = 8.8 V, the Undervoltage Lockout
(UVLO) Function is activated, and the IC reverts to the
state before startup again.
After that, the startup circuit is activated, the VCC pin
voltage increases to VCC(ON) = 14.0 V, and the IC restarts.
During the protection mode, restart and stop are repeated.
When the fault condition is removed, the IC returns to
normal operation automatically. When the auxiliary
winding supplies the VCC pin voltage, the OVP is able
to detect an excessive output voltage, such as when the
detection circuit for output control is open in the
secondary-side circuit because the VCC pin voltage is
proportional to the output voltage.
The output voltage of the secondary-side circuit at
OVP operation, VOUT(OVP), is approximately given as
below:
(13)
where,
VOUT(NORMAL) : Output voltage in normal operation
VCC(NORMAL): VCC pin voltage in normal operation
8.16 Overcurrent Protection (OCP)
The Overcurrent Protection (OCP) detects the drain
current, ID, on pulse-by-pulse basis, and limits output
power. In Figure 8-33, this circuit enables the value of
C3 for shunt capacitor to be smaller than the value of Ci
for current resonant capacitor, and the detection current
through C3 is small. Thus, the loss of the detection
resistor, ROCP, is reduced, and ROCP is a small-sized one
available. There is no convenient method to calculate the
accurate resonant current value according to the mains
input and output conditions, and others. Thus, ROCP, C3,
and C6 should be adjusted based on actual operation in
the application. The following is a reference adjusting
method of ROCP, C3, R6, and C8:
● C3 and R
OCP
C3 is 100pF to 330pF (around 1 % of Ci value).
ROCP is around 100 Ω.
Given the current of the high side power MOSFET at
ON state as ID(H). ROCP is calculated Equation (14).
The detection voltage of ROCP is used the detection of
the capacitive mode operation (see Section 8.12).
Therefore, setting of ROCP and C3 should be taken
account of both OCP and the capacitive mode
operation.
(14)
● R6 and C8 are for high frequency noise reduction.
R6 is 100 Ω to 470 Ω. C6 is 100 pF to 1000 pF.
The OCP operation has two-step threshold voltage as
follows:
Step I, RC pin threshold voltage (Low), VRC(L):
This step is active first. When the absolute value of
the RC pin voltage increases to more than |VOC(L) | = 1.50
V, C6 connected to the CSS pin is discharged by
ICSS(L) = 1.8 mA. Thus, the switching frequency increases,
and the output power is limited. During discharging C6,
when the absolute value of the RC pin voltage decreases
to |VRC(L)| or less, the discharge stops.
Step II, RC pin threshold voltage (High-speed),
VRC(S):
This step is active second. When the absolute value of
the RC pin voltage increases to more than |VRC(S) | = 2.30
V, the high-speed OCP is activated, and power
MOSFETs reverse on and off. At the same time, C6 is
discharged by ICSS(S) = 20.5 mA. Thus, the switching
frequency quickly increases, and the output power is
quickly limited. This step operates as protections for
exceeding overcurrent, such as the output shorted. When
the absolute value of the RC pin voltage decreases to
|VRC(S)| or less, the operation is changed to the above
Step I.
When OLP Input Voltage Compensation is used, CL
pin voltage is needed to reach the threshold voltage of
Overload Protection (OLP), VCL(OLP), in the state that RC
pin voltage is less than VRC(L). Therefore, when output
power increases, the OLP is activated (see Section 8.17).
When the input voltage is constant like PFC output, OLP
Input Voltage Compensation is unnecessary. Therefore,
when output power increases, the above OCP operation
(Step I and Step II ) is activated.
T1
PL
R6
Cv
Ci
C3
C8
VS
VGL
VGH
GND
CSS
U1
15
11
5
7
8
10
16
I(H)
RC
C6
ROCP
R7
R5
Q(H)
Q(L)
Figure 8-33.
RC pin peripheral circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com