Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSC3S921 Datasheet(PDF) 21 Page - Sanken electric

Part # SSC3S921
Description  LLC Current-Resonant Off-Line Switching Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SSC3S921 Datasheet(HTML) 21 Page - Sanken electric

Back Button SSC3S921 Datasheet HTML 17Page - Sanken electric SSC3S921 Datasheet HTML 18Page - Sanken electric SSC3S921 Datasheet HTML 19Page - Sanken electric SSC3S921 Datasheet HTML 20Page - Sanken electric SSC3S921 Datasheet HTML 21Page - Sanken electric SSC3S921 Datasheet HTML 22Page - Sanken electric SSC3S921 Datasheet HTML 23Page - Sanken electric SSC3S921 Datasheet HTML 24Page - Sanken electric SSC3S921 Datasheet HTML 25Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
SSC3S921
SSC3S921 - DSJ Rev.1.7
SANKEN ELECTRIC CO., LTD.
21
Jan. 17, 2018
http://www.sanken-ele.co.jp/en/
© SANKEN ELECTRIC CO., LTD. 2015
ID(H)
Cv
Ci
Lr
Q(H)
Q(L)
Lp
Cv
Ci
Lr
Lp
Cv
Ci
Lr
Lp
Cv
Ci
Lr
Lp
Cv
Ci
Lr
Lp
Cv
Ci
Lr
Lp
A
B
C
E
F
0
Magnetizing
current
VDS(H)=0V
VDS(H)=0V
Turning on at VDS(L)= 0V results in soft-switching
VDS(H)=0V
VDS(H)=0V
Turning on at VDS(L) >> 0V results in hard-switching
Recovery current
of body diode
Point A
Point B
Point C
Point D
Point E
Point F
Off
Off
On
Off
Off
Off
Off
Off
On
Off
Off
On
D
ID(H)
Q(H)
Q(L)
Q(H)
Q(L)
Q(H)
Q(L)
Q(H)
Q(L)
Q(H)
Q(L)
ID(H)
ID(H)
ID(H)
ID(H)
ID(H)
○ Normal resonant operation
● Reset failure operation
Figure 8-35.
Reference High-side Operation and Drain Current Waveforms in Normal Resonant Operation
and in Reset Failure Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com