Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSA10I100PM Datasheet(PDF) 4 Page - IXYS Corporation

Part # DSA10I100PM
Description  High Performance Schottky Diode Low Loss and Soft Recovery Single Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

DSA10I100PM Datasheet(HTML) 4 Page - IXYS Corporation

  DSA10I100PM Datasheet HTML 1Page - IXYS Corporation DSA10I100PM Datasheet HTML 2Page - IXYS Corporation DSA10I100PM Datasheet HTML 3Page - IXYS Corporation DSA10I100PM Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
DSA10I100PM
preliminary
Note:
All metal surface are
matte pure tin plated
except trimmed area.
Ø P
A
A1
H
A2
Q
L1
D
E
L
b
b1
c
e
13
d1
min
max
min
max
A
4.50
4.90
0.177
0.193
A1
2.34
2.74
0.092
0.108
A2
2.56
2.96
0.101
0.117
b
0.70
0.90
0.028
0.035
b1
1.27
1.47
0.050
0.058
c
0.45
0.60
0.018
0.024
D
15.67
16.07
0.617
0.633
d1
0
1.10
0
0.043
E
9.96
10.36
0.392
0.408
e
H
6.48
6.88
0.255
0.271
L
12.68
13.28
0.499
0.523
L1
3.03
3.43
0.119
0.135
ØP
3.08
3.28
0.121
0.129
Q
3.20
3.40
0.126
0.134
Dim.
Millimeters
Inches
2.54 BSC
0.100 BSC
1
3
Outlines
TO-220FP
IXYS reserves the right to change limits, conditions and dimensions.
20131031a
Data according to IEC 60747and per semiconductor unless otherwise specified
© 2013 IXYS all rights reserved



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com