Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2304940 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 2304940
Description  The DeltaV system can be used to install the process wiring via "mass termination blocks" (MTBs) using flat-ribbon cable plugs
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2304940 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  2304940 Datasheet HTML 1Page - PHOENIX CONTACT 2304940 Datasheet HTML 2Page - PHOENIX CONTACT 2304940 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
https://www.phoenixcontact.com/us/products/2304940
11/03/2014   Page 1 / 3
Cable - FLK 50/2FLK20/EZ-DR/ 800/DV - 2304940
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Assembled circular cable, with two 20-pos. and one 50-pos. socket strip (for Emerson Delta V). The cable is
suitable for coupling 32-channel modules. Length of cable: 8 m
Product Features
 The DeltaV system can be used to install the process wiring via "mass termination blocks" (MTBs) using flat-ribbon cable plugs
 System cables specifically designed for 32-channel I/O modules with 40-pin MTB for connecting I/O modules to 32-channel VARIOFACE interface
modules
Key commercial data
Packing unit
1 pc
Weight per Piece (excluding packing)
1262.0 GRM
Custom tariff number
85444290
Country of origin
Germany
Technical data
General
Nominal voltage UN
< 50 V AC
60 V DC
Max. current carrying capacity per path
1 A
Max. conductor resistance
0.16 Ω/m
Length of cable
8 m
Single wire, cross section
0.14 mm²
AWG
26
Conductor construction: Number of litz wires:
7
Single wire, material
Cu tin-plated
External diameter
10.3 mm
Cable, preassembly
Insulation displacement, IEC 60352-4/DIN EN 60352-4
Shielding
no
Environmental conditions
Ambient temperature (operation)
-20 °C ... 50 °C


Similar Part No. - 2304940

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2304908 PHOENIX-2304908 Datasheet
75Kb / 3P
Assembled circular cable, with two 20-pos.
2304911 PHOENIX-2304911 Datasheet
76Kb / 3P
Assembled circular cable, with two 20-pos.
logo
TE Connectivity Ltd
2304921-1 TEC-2304921-1 Datasheet
3Mb / 7P
ZSFP PLUGGABLE I/O INTERCONNECT
logo
PHOENIX CONTACT
2304924 PHOENIX-2304924 Datasheet
75Kb / 3P
Assembled circular cable, with two 20-pos.
2304937 PHOENIX-2304937 Datasheet
47Kb / 3P
The DeltaV system can be used to install the process wiring via "mass termination blocks" (MTBs) using flat-ribbon cable plugs
More results

Similar Description - 2304940

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UM1691 STMICROELECTRONICS-UM1691 Datasheet
1Mb / 41P
The EVAL6470H-DISC can be used together
17-Apr-2015
logo
PHOENIX CONTACT
2298438 PHOENIX-2298438 Datasheet
66Kb / 4P
The DeltaV system can be used to install the process wiring via "mass termination blocks" (MTBs) using flat-ribbon cable plugs
2304296 PHOENIX-2304296 Datasheet
48Kb / 3P
The DeltaV system can be used to install the process wiring via "mass termination blocks" (MTBs) using flat-ribbon cable plugs
2304322 PHOENIX-2304322 Datasheet
48Kb / 3P
The DeltaV system can be used to install the process wiring via "mass termination blocks" (MTBs) using flat-ribbon cable plugs
2304335 PHOENIX-2304335 Datasheet
47Kb / 3P
The DeltaV system can be used to install the process wiring via "mass termination blocks" (MTBs) using flat-ribbon cable plugs
2304351 PHOENIX-2304351 Datasheet
48Kb / 3P
The DeltaV system can be used to install the process wiring via "mass termination blocks" (MTBs) using flat-ribbon cable plugs
2304403 PHOENIX-2304403 Datasheet
48Kb / 3P
The DeltaV system can be used to install the process wiring via "mass termination blocks" (MTBs) using flat-ribbon cable plugs
2304898 PHOENIX-2304898 Datasheet
47Kb / 3P
The DeltaV system can be used to install the process wiring via "mass termination blocks" (MTBs) using flat-ribbon cable plugs
2304937 PHOENIX-2304937 Datasheet
47Kb / 3P
The DeltaV system can be used to install the process wiring via "mass termination blocks" (MTBs) using flat-ribbon cable plugs
2304953 PHOENIX-2304953 Datasheet
47Kb / 3P
The DeltaV system can be used to install the process wiring via "mass termination blocks" (MTBs) using flat-ribbon cable plugs
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com