Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9548 Datasheet(PDF) 17 Page - Analog Devices

Part # AD9548
Description  Quad/Octal Input Network Clock Generator/Synchronizer
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9548 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD9548 Datasheet HTML 13Page - Analog Devices AD9548 Datasheet HTML 14Page - Analog Devices AD9548 Datasheet HTML 15Page - Analog Devices AD9548 Datasheet HTML 16Page - Analog Devices AD9548 Datasheet HTML 17Page - Analog Devices AD9548 Datasheet HTML 18Page - Analog Devices AD9548 Datasheet HTML 19Page - Analog Devices AD9548 Datasheet HTML 20Page - Analog Devices AD9548 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 111 page
background image
Data Sheet
AD9548
Pin No.
Mnemonic
Input/
Output
Pin Type
Description
52
SYSCLKN
I
Differential
input
Complementary System Clock Input. Complementary signal to SYSCLKP. SYSCLKN
contains internal dc biasing and should be ac-coupled with a 0.01 μF capacitor,
except when using a crystal. When using a crystal, connect the crystal across
SYSCLKP and SYSCLKN. When using a crystal, the user should consider placing a
0 Ω series resistor on the SYSCLKN pin. In the event that the power dissipated in
the crystal must be reduced, the user can replace the 0 Ω resistor with a larger
resistor (for example, 500 Ω. However, this series resistor is rarely needed. (See
Figure 34).
53
SYSCLKP
I
Differential
input
System Clock Input. SYSCLKP contains internal dc biasing and should be ac-
coupled with a 0.01 μF capacitor, except when using a crystal, in which case
connect the crystal across SYSCLKP and SYSCLKN. Single-ended 1.8 V CMOS is
also an option but can introduce a spur if the doubler is enabled and the duty
cycle is not 50%. When using SYSCLKP as a single-ended input, connect a 0.01 μF
capacitor from SYSCLKN to ground.
56, 75
NC
I
No Connection. These pins should be left floating.
59
AVDD
I
Power
1.8 V Analog Power Supply.
57, 58
TDC_VRB,
TDC_VRT
I
Use capacitive decoupling on these pins (see Figure 40).
60, 66, 67,
73
AVDD3
I
Power
3.3 V Analog (Reference Input) Power Supply.
61
REFA
I
Differential
input
Reference A Input. This internally biased input is typically ac-coupled and, when
configured as such, can accept any differential signal with single-ended swing up
to 3.3 V. If dc-coupled, input can be LVPECL, CMOS, or LVDS.
62
REFAA
I
Differential
input
Complementary Reference A Input. Complementary signal to the input provided
on Pin 61. The user can configure this pin as a separate single-ended input.
63, 70, 74
AVDD
I
Power
1.8 V Analog (Reference Input) Power Supply.
64
REFB
I
Differential
input
Reference B Input. This internally biased input is typically ac-coupled and, when
configured as such, can accept any differential signal with single-ended swing up
to 3.3 V. If dc-coupled, input can be LVPECL, CMOS, or LVDS.
65
REFBB
I
Differential
input
Complementary Reference B Input. Complementary signal to the input provided
on Pin 64. The user can configure this pin as a separate single-ended input.
68
REFC
I
Differential
input
Reference C Input. This internally biased input is typically ac-coupled and, when
configured as such, can accept any differential signal with single-ended swing up
to 3.3 V. If dc-coupled, input can be LVPECL, CMOS, or LVDS.
69
REFCC
I
Differential
input
Complementary Reference C Input. Complementary signal to the input provided
on Pin 68. The user can configure this pin as a separate single-ended input.
71
REFD
I
Differential
input
Reference D Input. This internally biased input is typically ac-coupled and, when
configured as such, can accept any differential signal with single-ended swing up
to 3.3 V. If dc-coupled, input can be LVPECL, CMOS, or LVDS.
72
REFDD
I
Differential
input
Complementary Reference D Input. Complementary signal to the input provided
on Pin 71. The user can configure this pin as a separate single-ended input.
76
IRQ
O
Logic
Interrupt Request Line.
78, 79, 80,
81, 84, 85,
86, 87
M0, M1, M2,
M3, M4, M5,
M6, M7
I/O
3.3 V CMOS
Configurable I/O Pins. These pins are configured under program control. M0 to
M2 control the serial port mode selection (see Table 29), and M3 to M7 control
the EEPROM loading at startup or reset (see the Initial M0 to M7 Pin Programming
section). Note that there are no internal pull-up or pull-down resistors on these
pins, and the user should place pull-up or pull-down resistors on each of these
pins to avoid unpredictable start-up behavior.
EP
VSS
O
Exposed
pad
The exposed pad must be connected to ground (VSS).
Rev. G | Page 17 of 111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com