Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9548BCPZ Datasheet(PDF) 19 Page - Analog Devices

Part # AD9548BCPZ
Description  Quad/Octal Input Network Clock Generator/Synchronizer
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9548BCPZ Datasheet(HTML) 19 Page - Analog Devices

Back Button AD9548BCPZ Datasheet HTML 15Page - Analog Devices AD9548BCPZ Datasheet HTML 16Page - Analog Devices AD9548BCPZ Datasheet HTML 17Page - Analog Devices AD9548BCPZ Datasheet HTML 18Page - Analog Devices AD9548BCPZ Datasheet HTML 19Page - Analog Devices AD9548BCPZ Datasheet HTML 20Page - Analog Devices AD9548BCPZ Datasheet HTML 21Page - Analog Devices AD9548BCPZ Datasheet HTML 22Page - Analog Devices AD9548BCPZ Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 111 page
background image
Data Sheet
AD9548
–160
–150
–140
–130
–120
–110
–100
–90
–80
–70
100
1k
10k
100k
1M
10M
100M
FREQUENCY OFFSET (Hz)
INTEGRATED RMS JITTER (PHASE NOISE):
5kHz TO 20MHz: 361fs (–69.0dBc)
20kHz TO 80MHz: 441fs (–67.3dBc) (EXTRAPOLATED)
Figure 7. Absolute Phase Noise (Output Driver = LVPECL),
fR = 19.44 MHz, fO = 155.52 MHz,
LBW = 1 kHz, fSYS = 50 MHz, PLL On
–160
–150
–140
–130
–120
–110
–100
–90
–80
–70
10
100
1k
10k
100k
1M
10M
100M
FREQUENCY OFFSET (Hz)
INTEGRATED RMS JITTER (PHASE NOISE):
5kHz TO 10MHz: 717fs (–65.1dBc)
12kHz TO 20MHz: 725fs (–65.0dBc)
20kHz TO 80MHz: 790fs (–64.3dBc)
Figure 8. Absolute Phase Noise (Output Driver = LVPECL),
fR = 1 Hz, fO = 122.88 MHz,
LBW = 0.05 Hz, fSYS = 20 MHz (OCXO), PLL On
100
1k
10k
100k
1M
10M
100M
FREQUENCY OFFSET (Hz)
–160
–150
–140
–130
–120
–110
–100
–90
–80
–70
INTEGRATED RMS JITTER (PHASE NOISE):
5kHz TO 20MHz: 336fs (–69.7dBc)
20kHz TO 80MHz: 425fs (–67.6dBc) (EXTRAPOLATED)
Figure 9. Absolute Phase Noise (Output Driver = LVPECL),
fR = 8 kHz, fO = 155.52 MHz,
LBW = 100 Hz, fSYS = 50 MHz (Crystal), PLL On
–160
–150
–140
–130
–120
–110
–100
–90
–80
–70
100
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
ROHDE & SCHWARZ
SMA100 (1GHz)
ROHDE & SCHWARZ
SMA100 (50MHz)
50MHz CRYSTAL
Figure 10. Absolute Phase Noise Comparison of SYSCLK Input Options
(Output Driver = LVPECL),
fR = 19.44 MHz, fO = 311.04 MHz, LBW = 1 kHz
–160
–150
–140
–130
–120
–110
–100
–90
–80
–70
100
1k
10k
100k
1M
10M
100M
FREQUENCY OFFSET (Hz)
INTEGRATED RMS JITTER (PHASE NOISE):
5kHz TO 20MHz: 356fs (–69.2dBc)
20kHz TO 80MHz: 435fs (–67.4dBc) (EXTRAPOLATED)
Figure 11. Absolute Phase Noise (Output Driver = LVPECL),
fR = 1 Hz, fO = 155.52 MHz,
LBW = 0.05 Hz, fSYS = 50 MHz, PLL On
–160
–150
–140
–130
–120
–110
–100
–90
–80
–70
100
1k
10k
100k
1M
10M
100M
FREQUENCY OFFSET (Hz)
INTEGRATED RMS JITTER (PHASE NOISE):
5kHz TO 20MHz: 245fs (–72.4dBc)
20kHz TO 80MHz: 300fs (–64.3dBc) (EXTRAPOLATED)
Figure 12. Absolute Phase Noise (Output Driver = LVPECL),
fR = 19.44 MHz, fO = 155.52 MHz,
LBW = 1 kHz, fSYS = 50 MHz (Crystal), PLL On with
2x Frequency Multiplier, ICP = 375 μA, LF = External (350 kHz)
Rev. G | Page 19 of 111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com