Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSA30C200PC Datasheet(PDF) 1 Page - IXYS Corporation

Part # DSA30C200PC
Description  High Performance Schottky Diode Low Loss and Soft Recovery Common Cathode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

DSA30C200PC Datasheet(HTML) 1 Page - IXYS Corporation

  DSA30C200PC Datasheet HTML 1Page - IXYS Corporation DSA30C200PC Datasheet HTML 2Page - IXYS Corporation DSA30C200PC Datasheet HTML 3Page - IXYS Corporation DSA30C200PC Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DSA30C200PC
preliminary
1
2
3
Low Loss and Soft Recovery
High Performance Schottky Diode
Common Cathode
Schottky Diode
Part number
DSA30C200PC
Backside: cathode
FAV
F
V
V
0.78
RRM
15
200
=
V
=
V
I
=
A
2x
Features / Advantages:
Applications:
Package:
● Very low Vf
● Extremely low switching losses
● Low Irm values
● Improved thermal behaviour
● High reliability circuit operation
● Low voltage peaks for reduced
protection circuits
● Low noise switching
● Rectifiers in switch mode power
supplies (SMPS)
● Free wheeling diode in low voltage
converters
TO-263 (D2Pak)
● Industry standard outline
● RoHS compliant
● Epoxy meets UL 94V-0
The data contained in this product data sheet is exclusively intended for technically trained staff. The user will have to evaluate the suitability of the product for the intended application and
the completeness of the product data with respect to his application. The specifications of our components may not be considered as an assurance of component characteristics. The
information in the valid application- and assembly notes must be considered. Should you require product information in excess of the data given in this product data sheet or which concerns
the specific application of your product, please contact your local sales office.
Due to technical requirements our product may contain dangerous substances. For information on the types in question please contact your local sales office.
Should you intend to use the product in aviation, in health or life endangering or life support applications, please notify. For any such application we urgently recommend
- to perform joint risk and quality assessments;
- the conclusion of quality agreements;
- to establish joint measures of an ongoing product survey, and that we may make delivery dependent on the realization of any such measures.
Terms and Conditions of Usage
IXYS reserves the right to change limits, conditions and dimensions.
20180713a
Data according to IEC 60747and per semiconductor unless otherwise specified
© 2018 IXYS all rights reserved


Similar Part No. - DSA30C200PC

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
DSA30C200PC ISC-DSA30C200PC Datasheet
315Kb / 2P
Schotty Rectifier Diode
More results

Similar Description - DSA30C200PC

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
DSA30C60PB IXYS-DSA30C60PB Datasheet
113Kb / 2P
High Performance Schottky Diode Low Loss and Soft Recovery Common Cathode
DSB30C60PB IXYS-DSB30C60PB Datasheet
103Kb / 2P
High Performance Schottky Diode Low Loss and Soft Recovery Common Cathode
DSA50C150HB IXYS-DSA50C150HB Datasheet
91Kb / 3P
High Performance Schottky Diode Low Loss and Soft Recovery Common Cathode
DSB60C45HB IXYS-DSB60C45HB Datasheet
112Kb / 2P
High Performance Schottky Diode Low Loss and Soft Recovery Common Cathode
DSA20C100PB IXYS-DSA20C100PB Datasheet
100Kb / 4P
High Performance Schottky Diode Low Loss and Soft Recovery Common Cathode
DSA30C45PB IXYS-DSA30C45PB Datasheet
100Kb / 4P
High Performance Schottky Diode Low Loss and Soft Recovery Common Cathode
DSA60C60HB IXYS-DSA60C60HB Datasheet
92Kb / 4P
High Performance Schottky Diode Low Loss and Soft Recovery Common Cathode
DSA10C150UC IXYS-DSA10C150UC Datasheet
150Kb / 5P
High Performance Schottky Diode Low Loss and Soft Recovery Common Cathode
DSA30C45PC IXYS-DSA30C45PC Datasheet
96Kb / 4P
High Performance Schottky Diode Low Loss and Soft Recovery Common Cathode
DSA30C200IB IXYS-DSA30C200IB Datasheet
89Kb / 4P
High Performance Schottky Diode Low Loss and Soft Recovery Common Cathode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com