Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSA60C150PB Datasheet(PDF) 2 Page - IXYS Corporation

Part # DSA60C150PB
Description  High Performance Schottky Diode Low Loss and Soft Recovery Common Cathode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

DSA60C150PB Datasheet(HTML) 2 Page - IXYS Corporation

  DSA60C150PB Datasheet HTML 1Page - IXYS Corporation DSA60C150PB Datasheet HTML 2Page - IXYS Corporation DSA60C150PB Datasheet HTML 3Page - IXYS Corporation DSA60C150PB Datasheet HTML 4Page - IXYS Corporation DSA60C150PB Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DSA60C150PB
V
=
V
Symbol
Definition
Ratings
typ.
max.
I
R
V
I
A
V
F
0.93
R
0.85 K/W
R
min.
30
VRSM
V
450
T
= 25°C
VJ
T
=
°C
VJ
mA
5
V
=
V
R
T
= 25°C
VJ
I =
A
F
V
T =
°C
C
150
P
tot
175
W
T
= 25°C
C
R
K/W
30
150
max. non-repetitive reverse blocking voltage
reverse current, drain current
forward voltage drop
total power dissipation
Conditions
Unit
1.09
T
= 25°C
VJ
125
V
F0
V
0.55
T
=
°C
VJ
175
rF
6
mΩ
V
0.80
T
=
°C
VJ
I =
A
F
V
30
0.98
I =
A
F
60
I =
A
F
60
threshold voltage
slope resistance
for power loss calculation only
µA
125
VRRM
V
150
max. repetitive reverse blocking voltage
T
= 25°C
VJ
C
J
289
junction capacitance
V =
V
12
T
= 25°C
f = 1 MHz
R
VJ
pF
I
FSM
t = 10 ms; (50 Hz), sine;
T
= 45°C
VJ
max. forward surge current
V = 0 V
R
T
=
°C
VJ
175
390
A
150
FAV
d =
rectangular
0.5
average forward current
thermal resistance junction to case
thJC
thermal resistance case to heatsink
thCH
Schottky
150
0.50
IXYS reserves the right to change limits, conditions and dimensions.
20131031c
Data according to IEC 60747and per semiconductor unless otherwise specified
© 2013 IXYS all rights reserved



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com