Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A2003 Datasheet(PDF) 2 Page - MPS Industries, Inc.

Part # A2003
Description  TRANSFORMER FOR DC/DC AUTOMOTIVE APPLICATIONS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

A2003 Datasheet(HTML) 2 Page - MPS Industries, Inc.

  A2003 Datasheet HTML 1Page - MPS Industries, Inc. A2003 Datasheet HTML 2Page - MPS Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ELECTRICAL PARAMETERS @ 25°C
Part Number
A2003-
Inductance
(mH)
Leakage
Inductance
(µH Max)
Testing
Frequency
(kHz)
Turns Ratio
(±2%)
DCR
(Ω ±20%)
(4-6)
(4-6)
1V
(3-2 : 2-1 : 4-6)
(4-6)
(3-2)
(2-1)
412
4.10±8%
150
52
1 : 1 : 11.75
23.0
0.60
0.63
432
4.30±8%
150
52
1 : 1 : 11.75
23.0
0.60
0.63
472
4.70±8%
150
52
1 : 1 : 11.75
23.0
0.60
0.63
502
5.00±8%
150
58
1 : 1 : 15
35.6
0.61
0.64
502A
5.00±8%
150
40
1 : 1 : 15
35.6
0.61
0.64
502B
5.00±8%
150
52
1 : 1 : 20
29.3
0.45
0.47
512
5.10±8%
150
52
1 : 1 : 11.75
27.3
0.72
0.76
552
5.50±8%
150
52
1 : 1 : 8
26.5
2.80
2.90
552A
5.50±8%
150
52
1 : 1 : 11.75
27.3
1.21
1.26
802
8.00±15%
150
40
1 : 1 : 10
24.5
0.75
0.80
NOTES:
•
Primary Leakage L Measured with Secondary Winding Shorted
•
Hi-pot: 250Vdc, 1mA, 60 Sec or 300Vdc, 1mA, 2 Sec (Pri to Sec)
Tel: 310-325-1043
Fax: 310-325-1044
www.mpsind.com
sales@mpsind.com
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Dimensions
Unless otherwise specified, all tolerances are:
inch: .XX : ±0.015
.XXX : ±0.004
mm: X,X : ±0,38
X,XX : ±0,10
DIMENSIONS (mm)
A2003 SERIES
TRANSFORMER FOR DC/DC
Marking
①
②
③
⑥
④
⑥
④
①
②
③
⑤
⑤
⑥
④ ⑤
第一角圆点标示
N1
③
①
N2
START PIN
N3
②
④
⑥



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com