Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT1500 Datasheet(PDF) 1 Page - MPS Industries, Inc.

Part # HT1500
Description  HELICAL EDGE WOUND TOROID INDUCTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

HT1500 Datasheet(HTML) 1 Page - MPS Industries, Inc.

  HT1500 Datasheet HTML 1Page - MPS Industries, Inc. HT1500 Datasheet HTML 2Page - MPS Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Tel: 310-325-1043
Fax: 310-325-1044
www.mpsind.com
sales@mpsind.com
HT1500 SERIES
•
Helical Edge Wound (HEW™) Flat Wire Toroid Inductors
•
Low core loss
•
Excellent heat dissipation
•
Good DC bias characteristics
•
Lower ACR than traditional round wire
•
Extremely low interwinding capacitance
•
Operating Temperature -40ºC to +150ºC
•
Vertical and horizontal mount versions available (add -V or -H
after part number for mounting version)
ELECTRICAL PARAMETERS @ 25°C
Part Number
INDUCTANCE
(μH)
±12%
DCR
(mΩ)
MAX
Isat
(A) Typ
10% drop
Isat
(A) Typ
20% drop
Isat
(A) Typ
30% drop
Irms
(A) Typ
40ºC rise
HT1500-121
120.0
65.0
5.8
8.5
11.3
6
HT1500-281
285.0
65.0
2.5
3.8
5.0
6
HT1500-361
360.0
65.0
2.0
3.0
4.1
6
Note:
1.
Inductance measured at 10KHz, 1Vrms
2.
Isat is DC current at which the inductance drops the specified amount from its original value without bias.
3.
Irms is the DC current that causes the specified temperature rise of the winding from 25°C ambient for the inductor.
Product performance is limited to specified parameters. Data is subject to change without prior notice.
HELICAL EDGE WOUND
TOROID INDUCTOR
Dimensions
Unless otherwise specified, all tolerances are:
inch: .XX : ±0.015
.XXX : ±0.004
mm: X,X : ±0,38
X,XX : ±0,10
DIMENSIONS (inch / [mm])
VERTICAL MOUNT
HORIZONTAL MOUNT
35.0 Max
10.0±1.0
20.0 Max
2.00(x2)
0.40(x2)
15.0 Typ
35.0 Max
20.0 Max
9.80 Typ
2.00(x2)
10.0±1.0
0.40(x2)


Similar Part No. - HT1500

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
HT15 TSC-HT15 Datasheet
62Kb / 2P
1.0 AMP. High Efficient Rectifiers
HT15 TSC-HT15 Datasheet
272Kb / 2P
1.0 AMP. High Efficient Rectifiers
HT15 TSC-HT15 Datasheet
549Kb / 2P
1.0 AMP. High Efficient Rectifiers
HT15 TSC-HT15 Datasheet
376Kb / 4P
High Efficient Rectifiers
logo
Cornell Dubilier Electr...
HT151K CDE-HT151K Datasheet
201Kb / 2P
Ceramic Capacitors
More results

Similar Description - HT1500

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
L-696 RHOMBUS-IND-L-696 Datasheet
34Kb / 1P
Toroid Inductor
05/15/01
logo
XFMRS Inc.
2XF0025-VO XFMRS-2XF0025-VO_15 Datasheet
56Kb / 1P
TOROID INDUCTOR
logo
MPS Industries, Inc.
HWI34H MPSIND-HWI34H Datasheet
467Kb / 4P
HIGH CURRENT HELICAL EDGE WOUND (HEW?? FLAT WIRE INDUCTOR
HWI4427H MPSIND-HWI4427H Datasheet
302Kb / 2P
HEW (HELICAL EDGE WOUND) HIGH CURRENT INDUCTOR
HWI4427V MPSIND-HWI4427V Datasheet
318Kb / 2P
HEW (HELICAL EDGE WOUND) HIGH CURRENT INDUCTOR
HWI4434H MPSIND-HWI4434H Datasheet
330Kb / 2P
HEW (HELICAL EDGE WOUND) HIGH CURRENT INDUCTOR
HWI4434V MPSIND-HWI4434V Datasheet
318Kb / 2P
HEW (HELICAL EDGE WOUND) HIGH CURRENT INDUCTOR
HWIA2918S MPSIND-HWIA2918S Datasheet
334Kb / 2P
HIGH CURRENT HELICAL EDGE WOUND (HEW?? FLAT WIRE INDUCTOR
HWIA4427H MPSIND-HWIA4427H Datasheet
280Kb / 2P
HEW (HELICAL EDGE WOUND) HIGH CURRENT INDUCTOR
HWIA4434H MPSIND-HWIA4434H Datasheet
338Kb / 2P
HEW (HELICAL EDGE WOUND) HIGH CURRENT INDUCTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com