Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HWI34H Datasheet(PDF) 4 Page - MPS Industries, Inc.

Part # HWI34H
Description  HIGH CURRENT HELICAL EDGE WOUND (HEW?? FLAT WIRE INDUCTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

HWI34H Datasheet(HTML) 4 Page - MPS Industries, Inc.

  HWI34H Datasheet HTML 1Page - MPS Industries, Inc. HWI34H Datasheet HTML 2Page - MPS Industries, Inc. HWI34H Datasheet HTML 3Page - MPS Industries, Inc. HWI34H Datasheet HTML 4Page - MPS Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Tel: 310-325-1043
Fax: 310-325-1044
www.mpsind.com
sales@mpsind.com
HWI34H SERIES
Revised 08/25/2016
Product performance is limited to specified parameters. Data is subject to change without prior notice.
DC BIAS CHARACTERISTIC
HIGH CURRENT HELICAL EDGE WOUND
(HEW™) FLAT WIRE INDUCTOR
0
2
4
6
8
10
12
0
50
100
150
Current (A)
HWI3422‐055A‐XXX
DC Bias Characteristic
HWI3422‐055A‐4R7H
HWI34522‐055A‐7R3H
HWI3422‐055A‐110H
0.00
5.00
10.00
15.00
20.00
25.00
0
20
40
60
80
100
120
Current (A)
HWI3428‐047A‐XXX
DC Bias Characteristic
HWI3428‐047A‐200H
HWI3428‐047A‐8R8H
HWI3428‐047A‐130H
0.0
5.0
10.0
15.0
20.0
25.0
30.0
0.0
20.0
40.0
60.0
80.0
100.0
120.0
Current (A)
HWI3428‐047A‐XXX
DC Bias Characteristic
HWI3428‐047A‐100H
HWI3428‐047A‐160H
HWI3428‐047A‐240H
0.0
5.0
10.0
15.0
20.0
25.0
30.0
35.0
0
20
40
60
80
100
Current [Amp]
HWI3432‐045A‐XXX
DC Bias Characteristics
HWI3432‐045A‐290H
HWI3432‐045A‐120H
HWI3432‐045A‐190H



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com