Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HWI57A2-059A-161S Datasheet(PDF) 1 Page - MPS Industries, Inc.

Part # HWI57A2-059A-161S
Description  HIGH CURRENT INDUCTORS FOR INVERTER SYSTEMS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

HWI57A2-059A-161S Datasheet(HTML) 1 Page - MPS Industries, Inc.

  HWI57A2-059A-161S Datasheet HTML 1Page - MPS Industries, Inc. HWI57A2-059A-161S Datasheet HTML 2Page - MPS Industries, Inc. HWI57A2-059A-161S Datasheet HTML 3Page - MPS Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Tel: 310-325-1043
Fax: 310-325-1044
www.mpsind.com
sales@mpsind.com
HWI57A2 SERIES
Ideal for use in PV Inverters, String Inverters, Bidirectional Inverters
Flat wire coil minimizes losses at high frequency
Superior thermal management and significantly reduced size and
weight compared with conventional toroid designs
Operating Temperature -40ºC to +180ºC
Custom Design Available up to 500A current for inverter systems
20kW and up
ELECTRICAL PARAMETERS @ 25°C
Part Number
INDUCTANCE
(μH)
DCR
(mΩ)
SRF
(MHz)
Isat
(A) TYP
Irms
(A) TYP
±15%
MAX
TYP
10% Drop
20% Drop
30% Drop
20ºC Rise
40ºC Rise
HWI57A2-202A-130P
13.0
0.75
12
110
164
212
134
202
HWI57A2-162A-200P
20.0
1.15
9.0
88
130
190
106
162
HWI57A2-118A-390P
39.0
2.10
6.2
62
94
122
78
118
HWI57A2-108A-470P
47.0
2.60
5.4
56
86
112
70
108
HWI57A2-101A-510S
51.0
3.00
8
55
82
106
67
101
HWI57A2-085A-800S
80.0
4.50
5.3
44
66
86
56
85
HWI57A2-071A-121P
122.0
6.00
3.3
35
53
69
47
71
HWI57A2-059A-161S
157.0
8.40
4.3
31
47
61
39
59
HWI57A2-054A-191S
188.0
10.40
4.2
27
43
55
35
54
HWI57A2-041A-301S
300.0
17.40
3
23
34
44
27
41
HWI57A2-041A-321S
320.0
18.00
2.8
22
32.5
42.5
26.5
40.5
HWI57A2-040A-341S
342.0
18.60
3.3
21
31.5
41
26
40
HWI57A2-035A-491S
487.0
24.00
2.3
17.5
26.5
34.5
23.5
35.5
Note:
1.
Inductance measured at 10KHz, 1Vrms
2.
Isat is the DC current where the inductance drops the specified amount from its original value.
3.
Irms is the DC current that causes the specified temperature rise of the winding from 25°C ambient for the inductor without housing or potting. Aluminum case, thermal
conductive epoxy, or thermal pads can be added to improve cooling.
HIGH CURRENT INDUCTORS
FOR INVERTER SYSTEMS
Revised 07/21/2016
Product performance is limited to specified parameters. Data is subject to change without prior notice.


Similar Part No. - HWI57A2-059A-161S

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
HWI252018 SUPERWORLD-HWI252018 Datasheet
269Kb / 6P
MOLDED WIREWOUND CHIP INDUCTORS
HWI252018-100F SUPERWORLD-HWI252018-100F Datasheet
235Kb / 7P
MOLDED WIREWOUND CHIP INDUCTORS
HWI252018-150F SUPERWORLD-HWI252018-150F Datasheet
235Kb / 7P
MOLDED WIREWOUND CHIP INDUCTORS
HWI252018-1R0 SUPERWORLD-HWI252018-1R0 Datasheet
235Kb / 7P
MOLDED WIREWOUND CHIP INDUCTORS
HWI252018-1R0F SUPERWORLD-HWI252018-1R0F Datasheet
235Kb / 7P
MOLDED WIREWOUND CHIP INDUCTORS
More results

Similar Description - HWI57A2-059A-161S

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
1EDI2001AS INFINEON-1EDI2001AS_15 Datasheet
4Mb / 135P
Single Channel Isolated Driver for Inverter Systems AD Step
Rev. 3.1, 2015-07-30
1EDI2002AS INFINEON-1EDI2002AS_15 Datasheet
4Mb / 147P
Single Channel Isolated Driver for Inverter Systems AD Step
Rev. 3.1, 2015-07-30
1EBN1001AE INFINEON-1EBN1001AE_15 Datasheet
1Mb / 23P
Single Channel Booster for Inverter Systems
Rev. 3.0, 2015-04-30
logo
Cornell Dubilier Electr...
944U CDE-944U Datasheet
267Kb / 4P
High Current, Low Profi le for Inverter Applications
947D CDE-947D Datasheet
590Kb / 9P
High Current, High Capacitance for Inverter Applications
logo
MPS Industries, Inc.
H1300 MPSIND-H1300 Datasheet
302Kb / 2P
HIGH CURRENT INDUCTORS FOR INVERTER SYSTEMS
PX1391 MPSIND-PX1391 Datasheet
737Kb / 5P
REACTOR FOR INVERTER SYSTEMS HIGH POWER AC FILTERING
logo
Vishay Siliconix
IHLD-2525GG-5A VISHAY-IHLD-2525GG-5A Datasheet
345Kb / 5P
High Current Inductors
09-Dec-2020
logo
Shenzhen Guan Hua Wei Y...
WSK140N06 WIINSOK-WSK140N06 Datasheet
1Mb / 6P
Power Management for Inverter Systems.
logo
Vishay Siliconix
IHLD-2525GG-5A VISHAY-IHLD-2525GG-5A_V01 Datasheet
316Kb / 5P
High Current Inductors
09-Dec-2020
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com