Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N5447F Datasheet(PDF) 4 Page - MPS Industries, Inc.

Part # N5447F
Description  RJ45 10/100 BASE-T JACK WITH MAGNETIC MODULE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

N5447F Datasheet(HTML) 4 Page - MPS Industries, Inc.

  N5447F Datasheet HTML 1Page - MPS Industries, Inc. N5447F Datasheet HTML 2Page - MPS Industries, Inc. N5447F Datasheet HTML 3Page - MPS Industries, Inc. N5447F Datasheet HTML 4Page - MPS Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Tel: 310-325-1043
Fax: 310-325-1044
www.mpsind.com
sales@mpsind.com
Productperformanceislimitedtospecifiedparameters.Dataissubjecttochangewithoutpriornotice.
N5447F SERIES
RJ45 10/100 BASE-T JACK
WITHMAGNETICMODULE
SCHEMATICS
11
12
13
LED SPECIFICATION
Standard LED
Wavelength
Forward* V (MAX)
(TYP)
Yellow
585 nm
2.5 V
2.1 V
Green
565 nm
2.5 V
2.2 V
* With a forward current of 20 mA
LED FOR SCHEMATIC 01-07
Standard LED
Wavelength
Forward* V (MAX)
(TYP)
Yellow
585 nm
2.5 V
2.1 - 2.2 V
Green
565 nm
2.5 V
2.1 - 2.2 V
Orange
610 nm
2.5 V
2.1 - 2.2 V
* With a forward current of 20 mA
LED FOR SCHEMATIC 11-13



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com