Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P83P Datasheet(PDF) 1 Page - MPS Industries, Inc.

Part # P83P
Description  THREE-PHASE TOROIDAL TRANSFORMER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

P83P Datasheet(HTML) 1 Page - MPS Industries, Inc.

  P83P Datasheet HTML 1Page - MPS Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Tel: 310-325-1043
Fax: 310-325-1044
www.mpsind.com
sales@mpsind.com
P83P SERIES
• Power Range: 1KVA - 30KVA
• Custom Input/Output Values
• Insulation Class: UL Class B, F, H, N
• Isolation: 4KV (hi-pot)
• Custom Design Available
ELECTRICAL PARAMETERS @ 25°C
Part Number
P83P-
Power
(VA)
Temperature
Rise
L
(mm)
L1
(mm)
W
(mm)
W1
(mm)
H
(mm)
Mounting
Hole
(mm)
Weight
(kg)
Style
1K-XX
1,000
54
115
345
115
95
75
Ø 7*10
9.5
A
3K-XX
3,000
58
150
465
150
130
95
Ø 7*10
21.5
A
6K-XX
6,000
62
210
405
210
180
270
Ø 9*15
40
B
9K-XX
9,000
64
210
405
210
180
285
Ø 9*15
54
B
15K-XX
15,000
65
231
425
231
196
300
Ø 10.6*30
80
B
25K-XX
25,000
66
241
445
241
206
320
Ø 10.6*30
100
B
30K-XX
30,000
68
265
475
265
230
360
Ø 10.6*30
120
B
Note:
•
-XX=outputvoltagesubjecttocustomer’srequirement
Productperformanceislimitedtospecifiedparameters.Dataissubjecttochangewithoutpriornotice.
THREE-PHASE
TOROIDAL TRANSFORMER
DIMENSIONS (mm)
Dimensions
Unlessotherwisespecified,alltolerancesare:
inch: .XX : ±0.015
.XXX : ±0.004
mm: X,X : ±0,38
X,XX : ±0,10
Style A
Style B


Similar Part No. - P83P

ManufacturerPart #DatasheetDescription
logo
Wuxi U-NIKC Semiconduct...
P8315ATF UNIKC-P8315ATF Datasheet
463Kb / 5P
N-Channel Enhancement Mode MOSFET
logo
Advanced Micro Devices
P8327A-4 AMD-P8327A-4 Datasheet
1Mb / 21P
Multimode DMA Controller
P8327A-4B AMD-P8327A-4B Datasheet
1Mb / 21P
Multimode DMA Controller
P8327A-5 AMD-P8327A-5 Datasheet
1Mb / 21P
Multimode DMA Controller
P8327A-5B AMD-P8327A-5B Datasheet
1Mb / 21P
Multimode DMA Controller
More results

Similar Description - P83P

ManufacturerPart #DatasheetDescription
logo
Beijing Yaohuadechang E...
3TA17-200 YHDC-3TA17-200 Datasheet
1Mb / 1P
Three-phase current transformer
3TA17-300 YHDC-3TA17-300 Datasheet
1Mb / 1P
Three-phase current transformer
3TA17-400 YHDC-3TA17-400 Datasheet
1Mb / 1P
Three-phase current transformer
3TA019BL YHDC-3TA019BL Datasheet
587Kb / 1P
Three-phase current transformer
3TA020BL YHDC-3TA020BL Datasheet
621Kb / 1P
Three-phase current transformer
3TA8350-100 YHDC-3TA8350-100 Datasheet
675Kb / 1P
Three-phase current transformer
3TA8350-300 YHDC-3TA8350-300 Datasheet
676Kb / 1P
Three-phase current transformer
3TA8350-400 YHDC-3TA8350-400 Datasheet
677Kb / 1P
Three-phase current transformer
3TA8350BL-100 YHDC-3TA8350BL-100 Datasheet
1Mb / 1P
Three-phase current transformer
3TA8350BL-400 YHDC-3TA8350BL-400 Datasheet
1Mb / 1P
Three-phase current transformer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com