Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P504H Datasheet(PDF) 1 Page - MPS Industries, Inc.

Part # P504H
Description  2 PHASE COMMON MODE CHOKE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

P504H Datasheet(HTML) 1 Page - MPS Industries, Inc.

  P504H Datasheet HTML 1Page - MPS Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DIMENSIONS
SCHEMATIC
Tel: 310-325-1043
Fax: 310-325-1044
www.mpsind.com
sales@mpsind.com
P504H SERIES
• Current compensated noise suppression common mode chokes
• Horizontal mount version
• Rate voltage: 250Vac
• Dielectric withstanding voltage: 1500 Vrms (between windings)
• Operating temperature range: 0°C to +70°C
• Custom design available upon request
• RoHS compliant product
ELECTRICAL PARAMETERS @ 25°C
Part Number
P504H-
OCL
(mH ±30%)
Current
(A)
DCR
(Ω ±20%)
SRF
(KHz Typ)
03
3.3
2.5
0.07
700
10
10
1.2
0.30
350
27
27
0.7
0.62
180
39
39
0.5
1.12
160
Note:
1.
OCL measured: 1KHz, 0.1Vrms
2.
Polarity: 1 and 2 are in phase
3.
Turns Ratio: 1:1 ±0% (1-7 to 2-8)
Productperformanceislimitedtospecifiedparameters.Dataissubjecttochangewithoutpriornotice.
2 PHASE COMMON
MODE CHOKE
Dimensions
Unlessotherwisespecified,alltolerancesare:
inch: .XX : ±0.010
.XXX : ±0.005
mm: X,X : ±0,254
X,XX : ±0,13


Similar Part No. - P504H

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P504-003-SM TRIPPLITE-P504-003-SM Datasheet
158Kb / 2P
Low-Profile High Resolution SVGA/VGA Monitor Cable with Audio and RGB Coax (HD15 M/M), 3-ft.
P504-006 TRIPPLITE-P504-006 Datasheet
160Kb / 2P
VGA Coax Monitor Cable with Audio, High Resolution Cable with RGB Coax (HD15 and 3.5mm M/M) 6-ft.
P504-006-SM TRIPPLITE-P504-006-SM Datasheet
158Kb / 2P
Low-Profile VGA Coax Monitor Cable with Audio, High Resolution Cable with RGB Coax (HD15 and 3.5mm M/M), 6-ft.
P504-010 TRIPPLITE-P504-010 Datasheet
160Kb / 2P
VGA Coax Monitor Cable with Audio, High Resolution Cable with RGB Coax (HD15 and 3.5mm M/M), 10-ft.
P504-015 TRIPPLITE-P504-015 Datasheet
159Kb / 2P
VGA Coax Monitor Cable with Audio, High Resolution Cable with RGB Coax (HD15 and 3.5mm M/M), 15-ft.
More results

Similar Description - P504H

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XF0306-01S ETC-XF0306-01S Datasheet
34Kb / 1P
COMMON MODE CHOKE
CMK08M02SM ETC-CMK08M02SM Datasheet
57Kb / 1P
Common-Mode Choke
logo
Allied Components Inter...
VCM7101-RC ALLIED-VCM7101-RC Datasheet
496Kb / 1P
Common Mode Choke
logo
XFMRS Inc.
XF0473-HPCMC XFMRS-XF0473-HPCMC_10 Datasheet
108Kb / 1P
COMMON MODE CHOKE
logo
ice Components, Ins.
CS01 ICE-CS01_08 Datasheet
403Kb / 2P
Common Mode Choke
logo
MPS Industries, Inc.
P52TM12 MPSIND-P52TM12 Datasheet
195Kb / 1P
COMMON MODE CHOKE
logo
Pulse A Technitrol Comp...
FE2X03-3-2NL PULSE-FE2X03-3-2NL Datasheet
468Kb / 2P
2 Phase Common Mode Choke
logo
MPS Industries, Inc.
P504V MPSIND-P504V Datasheet
449Kb / 1P
2 PHASE COMMON MODE CHOKE
logo
Dongguan Mentech Optica...
CM15R7DG503U MNC-CM15R7DG503U Datasheet
133Kb / 2P
COMMON MODE CHOKE
CM422SG8R0U MNC-CM422SG8R0U Datasheet
166Kb / 1P
COMMON MODE CHOKE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com