Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P504V Datasheet(PDF) 1 Page - MPS Industries, Inc.

Part # P504V
Description  2 PHASE COMMON MODE CHOKE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

P504V Datasheet(HTML) 1 Page - MPS Industries, Inc.

  P504V Datasheet HTML 1Page - MPS Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DIMENSIONS
SCHEMATIC
Tel: 310-325-1043
Fax: 310-325-1044
www.mpsind.com
sales@mpsind.com
P504V SERIES
• Current compensated noise suppression common mode chokes
• Vertical mount version
• Rate voltage: 250Vac
• Dielectric withstanding voltage: 1500 Vrms (between windings)
• Operating temperature range: 0°C to +70°C
• Custom design available upon request
• RoHS compliant product
ELECTRICAL PARAMETERS @ 25°C
Part Number
P504V-
OCL
(mH ±30%)
Current
(A)
DCR
(Ω ±20%)
SRF
(KHz Typ)
03
3.3
2.5
0.07
700
10
10
1.2
0.30
350
15
15
1.0
0.40
220
27
27
0.7
0.62
180
39
39
0.5
1.12
160
47
47
0.4
1.30
150
Note:
1.
OCL measured: 1KHz, 0.1Vrms
2.
Polarity: 3 and 5 are in phase
3.
Turns Ratio: 1:1 ±0% (3-4 to 5-6)
Productperformanceislimitedtospecifiedparameters.Dataissubjecttochangewithoutpriornotice.
2 PHASE COMMON
MODE CHOKE
Dimensions
Unlessotherwisespecified,alltolerancesare:
inch: .XX : ±0.010
.XXX : ±0.005
mm: X,X : ±0,254
X,XX : ±0,13


Similar Part No. - P504V

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P504-003-SM TRIPPLITE-P504-003-SM Datasheet
158Kb / 2P
Low-Profile High Resolution SVGA/VGA Monitor Cable with Audio and RGB Coax (HD15 M/M), 3-ft.
P504-006 TRIPPLITE-P504-006 Datasheet
160Kb / 2P
VGA Coax Monitor Cable with Audio, High Resolution Cable with RGB Coax (HD15 and 3.5mm M/M) 6-ft.
P504-006-SM TRIPPLITE-P504-006-SM Datasheet
158Kb / 2P
Low-Profile VGA Coax Monitor Cable with Audio, High Resolution Cable with RGB Coax (HD15 and 3.5mm M/M), 6-ft.
P504-010 TRIPPLITE-P504-010 Datasheet
160Kb / 2P
VGA Coax Monitor Cable with Audio, High Resolution Cable with RGB Coax (HD15 and 3.5mm M/M), 10-ft.
P504-015 TRIPPLITE-P504-015 Datasheet
159Kb / 2P
VGA Coax Monitor Cable with Audio, High Resolution Cable with RGB Coax (HD15 and 3.5mm M/M), 15-ft.
More results

Similar Description - P504V

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XF0306-01S ETC-XF0306-01S Datasheet
34Kb / 1P
COMMON MODE CHOKE
CMK08M02SM ETC-CMK08M02SM Datasheet
57Kb / 1P
Common-Mode Choke
logo
Allied Components Inter...
VCM7101-RC ALLIED-VCM7101-RC Datasheet
496Kb / 1P
Common Mode Choke
logo
XFMRS Inc.
XF0473-HPCMC XFMRS-XF0473-HPCMC_10 Datasheet
108Kb / 1P
COMMON MODE CHOKE
logo
ice Components, Ins.
CS01 ICE-CS01_08 Datasheet
403Kb / 2P
Common Mode Choke
logo
MPS Industries, Inc.
P52TM12 MPSIND-P52TM12 Datasheet
195Kb / 1P
COMMON MODE CHOKE
logo
Pulse A Technitrol Comp...
FE2X03-3-2NL PULSE-FE2X03-3-2NL Datasheet
468Kb / 2P
2 Phase Common Mode Choke
logo
MPS Industries, Inc.
P504H MPSIND-P504H Datasheet
449Kb / 1P
2 PHASE COMMON MODE CHOKE
logo
Dongguan Mentech Optica...
CM15R7DG503U MNC-CM15R7DG503U Datasheet
133Kb / 2P
COMMON MODE CHOKE
CM422SG8R0U MNC-CM422SG8R0U Datasheet
166Kb / 1P
COMMON MODE CHOKE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com