Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P3799 Datasheet(PDF) 1 Page - MPS Industries, Inc.

Part # P3799
Description  OFFLINE ISOLATED FLYBACK TRANSFORMERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

P3799 Datasheet(HTML) 1 Page - MPS Industries, Inc.

  P3799 Datasheet HTML 1Page - MPS Industries, Inc. P3799 Datasheet HTML 2Page - MPS Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Tel: 310-325-1043
Fax: 310-325-1044
www.mpsind.com
sales@mpsind.com
P3799 SERIES
• Designed for use with the Linear Technology™ LT3799-1 LED
Controller
• Isolation: 4500Vrms, 1mA, 5S (Pri, Aux to Sec)
1250Vrms, 1mA, 5S (Pri to Aux)
• Operating Temperature: -40°C to +125°C
• RoHS Compliant Product
• Custom Design Available
ELECTRICAL PARAMETERS @25°C
Part Number
P3799-
Input
Voltage
(V)
Switching
Frequency
(KHz)
Primary
OCL
(µH ±10%)
Primary
Pins
Aux
Output
V / A
Aux
Pins
Secondary
Output
V / A
Secondary
Pins
1
90-265
100
600
2-1
18 / 0.01
4-5
14 / 1
10,9 - 8,7
2
80-265
100
600
2-1
20 / 0.01
4-5
28 / 0.5
10,9 - 8,7
3
85-265
150
400
4-2
20 / 0.01
6-5
85 / 0.4
9 - 11
4
85-265
150
460
4-2
20 / 0.01
6-5
85 / 0.4
9,8 - 10,11
5
120-375
75
100
2-4
20 / 0.01
6-7
125 / 0.36
14,13,12 - 8,9,10
6
120-375
200
300
2-4
18 / 0.01
6-7
18 / 5
14,13,12 - 8,9,10
7
120-375
75
180
2-4
25 / 0.01
6-7
36 / 3
14,13,12 - 8,9,10
NOTES:
•
Primary OCL measured at 10KHz, 0.1Vrms
•
Please contact MPS for complete electrical parameters.
Productperformanceislimitedtospecifiedparameters.Dataissubjecttochangewithoutpriornotice.
OFFLINE ISOLATED
FLYBACK TRANSFORMERS
DIMENSIONS (mm)
SCHEMATIC
Dimensions
Unlessotherwisespecified,alltolerancesare:
inch: .XX : ±0.015
.XXX : ±0.004
mm: X,X : ±0,38
X,XX : ±0,10
P3799-1 & P3799-2
P3799-1 & P3799-2


Similar Part No. - P3799

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
P3703A4280DSERQ1 TI1-P3703A4280DSERQ1 Datasheet
1Mb / 34P
TPS3703-Q1 Overvoltage and Undervoltage Reset IC With Time Delay and Manual Reset
P3703A5120DSER TI1-P3703A5120DSER Datasheet
1Mb / 33P
TPS3703 High Accuracy Overvoltage and Undervoltage Reset IC With Time Delay and Manual Reset
P3703A5120DSER TI1-P3703A5120DSER Datasheet
1Mb / 33P
TPS3703 High Accuracy Overvoltage and Undervoltage Reset IC With Time Delay and Manual Reset
P3703A5290DSERQ1 TI1-P3703A5290DSERQ1 Datasheet
1Mb / 34P
TPS3703-Q1 Overvoltage and Undervoltage Reset IC With Time Delay and Manual Reset
P3703A5330DSER TI1-P3703A5330DSER Datasheet
1Mb / 33P
TPS3703 High Accuracy Overvoltage and Undervoltage Reset IC With Time Delay and Manual Reset
More results

Similar Description - P3799

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
GA3429-BL COILCRAFT-GA3429-BL Datasheet
177Kb / 1P
Flyback Transformers
A9619-CL COILCRAFT-A9619-CL Datasheet
133Kb / 1P
Flyback Transformers
logo
Linear Technology
LT3799 LINER-LT3799 Datasheet
1Mb / 20P
Offline Isolated Flyback LED Controller with Active PFC
logo
Coilcraft lnc.
POE300F-33LB COILCRAFT-POE300F-33LB Datasheet
115Kb / 2P
Flyback Transformers
FA2925-ALD COILCRAFT-FA2925-ALD Datasheet
128Kb / 1P
Flyback Transformers
logo
MPS Industries, Inc.
P613P MPSIND-P613P Datasheet
462Kb / 1P
FLYBACK TRANSFORMERS
logo
Linear Technology
LT3799 LINER-LT3799_15 Datasheet
265Kb / 20P
Offline Isolated Flyback LED Controller with Active PFC
LT3799-1 LINER-LT3799-1_15 Datasheet
216Kb / 20P
Offline Isolated Flyback LED Controller with Active PFC
LT8315 LINER-LT8315 Datasheet
505Kb / 6P
Offline Isolated Flyback Converter
logo
MPS Industries, Inc.
P3800 MPSIND-P3800 Datasheet
449Kb / 1P
ISOLATED FLYBACK TRANSFORMERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com