Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P4018 Datasheet(PDF) 1 Page - MPS Industries, Inc.

Part # P4018
Description  SPLIT CORE CURRENT TRANSFORMER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

P4018 Datasheet(HTML) 1 Page - MPS Industries, Inc.

  P4018 Datasheet HTML 1Page - MPS Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
K
L
k
l
White (1)
Black (2)
45.0±0.5
23.8±0.3
2438±30
10±1
34.4±0.5
22.3
20.0
65.5±0.5
Tel: 310-325-1043
Fax: 310-325-1044
www.mpsind.com
sales@mpsind.com
P4018
• Current transformer for measuring or monitoring current for con-
trol and/or load centers
• Split core design allows easy installation mounting without remov-
ing existing cables
• High accuracy of 0.5% for precise current measurement
• Compact size for easy installation in tight spaces
• RoHS Compliant Product
• Custom design available
ELECTRICAL PARAMETERS @25°C
Rated Primary Current: 200A NOM (400A MAX)
Protection Level: 7.5V peak
Turns Ratio: 1:2000±1%, (K-L):(1-2)
Dielectric Withstanding Voltage: 4kV, 1mA, 60s
Current Ratio: 200A/100mA
Insulation Resistance: 500Vdc/100MΩMin
Accuracy @ RL≤10Ω: 0.5%
Impluse Withstand Voltage: 5kV Peak
Phase error @ rated current range: ≤1°
Operating Temperature: -40to+85°C
DC Resistance: 85ΩMax
Storage Temperature: -40to+90°C
Productperformanceislimitedtospecifiedparameters.Dataissubjecttochangewithoutpriornotice.
SPLIT CORE CURRENT
TRANSFORMER
DIMENSIONS (mm)
SCHEMATIC
TEST CIRCUIT
Dimensions
Unlessotherwisespecified,alltolerancesare:
inch: .XX : ±0.010
.XXX : ±0.005
mm: X,X : ±0,254
X,XX : ±0,13
1
2
K
L
7.5V
K
L
k
l
1
2
7.5V
RL=10


Similar Part No. - P4018

ManufacturerPart #DatasheetDescription
logo
International Rectifier
P401 IRF-P401 Datasheet
90Kb / 7P
PASSIVATED ASSEMBLED CIRCUIT ELEMENTS
logo
Vishay Siliconix
P401 VISHAY-P401 Datasheet
122Kb / 6P
Passivated Assembled Circuit Elements, 40 A
05-Nov-09
logo
List of Unclassifed Man...
P4010 ETC1-P4010 Datasheet
152Kb / 5P
HIGH RELIABILITY PHOTOCOUPLER
P4010A ETC1-P4010A Datasheet
152Kb / 5P
HIGH RELIABILITY PHOTOCOUPLER
P4010B ETC1-P4010B Datasheet
152Kb / 5P
HIGH RELIABILITY PHOTOCOUPLER
More results

Similar Description - P4018

ManufacturerPart #DatasheetDescription
logo
Beijing Yaohuadechang E...
SCT-013 YHDC-SCT-013 Datasheet
2Mb / 1P
Split core current transformer
logo
MPS Industries, Inc.
P4019 MPSIND-P4019 Datasheet
374Kb / 1P
SPLIT CORE CURRENT TRANSFORMER
logo
Beijing Yaohuadechang E...
SCT013-RJ45 YHDC-SCT013-RJ45 Datasheet
2Mb / 1P
Split core current transformer
SCT016S YHDC-SCT016S Datasheet
678Kb / 1P
Split core current transformer
SCT12080QT YHDC-SCT12080QT Datasheet
9Mb / 1P
Split core current transformer
SCT013-005 YHDC-SCT013-005 Datasheet
5Mb / 1P
Split core current transformer
SCT013-030 YHDC-SCT013-030 Datasheet
5Mb / 1P
Split core current transformer
SCT013-050 YHDC-SCT013-050 Datasheet
5Mb / 1P
Split core current transformer
SCT032BT YHDC-SCT032BT Datasheet
7Mb / 1P
Split core current transformer
SCT8050QT YHDC-SCT8050QT Datasheet
7Mb / 1P
Split core current transformer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com