Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXBOD2-06 Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXBOD2-06
Description  Breakover Diode Gen
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXBOD2-06 Datasheet(HTML) 2 Page - IXYS Corporation

  IXBOD2-06 Datasheet HTML 1Page - IXYS Corporation IXBOD2-06 Datasheet HTML 2Page - IXYS Corporation IXBOD2-06 Datasheet HTML 3Page - IXYS Corporation IXBOD2-06 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
© 2013 IXYS All rights reserved
2 - 4
20130822a
IXBOD2
IXYS reserves the right to change limits, test conditions and dimensions.
Data according ot IEC 60747 and per semiconductor unless otherwise specified
BOD2
Ratings
Symbol
Definitions
Conditions
min.
typ.
max.
I
D
drain current
V
D = 0.8·VBO
T
VJ =
25°C
T
VJ = 125°C
10
200
µA
µA
V
BO
breakover voltage
V
BO (TVJ) = VBO, 25°C [1 + KT (TVJ - 25°C)]
V
I
RMS
RMS current
f = 50 Hz
T
amb = 50°C
pins soldered to printed circuit (conductor 0.035x2mm)
1.4
A
I
FAVM
maximum average forward current
0.9
A
I
SM
maximum pulsed source current
t
p = 0.1 ms; non repetitive
T
VJ = 150°C
250
A
I2t
I2t value for fusing
t
p = 0.1 ms
T
VJ = 150°C
3.1
A2s
K
T
K
P
temperature coefficient of V
BO
coefficient for energy per pulse EP (material constant)
0.7
·10-3
700
K-1
K/Ws
R
thJA
thermal resistance junction to ambient
natural convection
with air speed 2 m/s
60
45
K/W
K/W
I
BO
breakover current
T
VJ =
25°C
T
VJ = 150°C
15
6
mA
mA
I
H
holding current
T
VJ =
25°C
T
VJ = 150°C
20
12
mA
mA
V
H
holding voltage
T
VJ =
25°C
4
8
V
(dv/dt)
cr
critical rate of rise of voltage
V
D = 0.9·VBO
T
VJ =
25°C
T
VJ = 150°C
3000
1000
V/µs
V/µs
(di/dt)
cr
critical rate of rise of curent
I
T = 100 A; VD = VBO; f = 50 Hz
T
VJ = 150°C
I
T = 600 A; non repetitive
200
500
A/µs
A/µs
t
q
turn-off time
V
D = 0.75·VBO; VR = 0 V; IT = 100 A
T
VJ = 125°C
dv/dt
(lin.) = 5000 V/µs; di/dt = -500 A/µs
200
µs
V
T
forward voltage drop
I
T = 10 A
T
VJ = 125°C
T
VJ = 150°C
1.3
1.2
V
V
V
T0
r
T
threshold voltage
slope resistance
for power-loss calculation only
T
VJ = 150°C
0.75
0.05
V
W
V
d
68 k
W
400 nH
IXBOD
100 nF
I
t = 400 A, di/dt = 2000 A/µs



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com