Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCD22AH Datasheet(PDF) 3 Page - Zowie Technology Corporation

Part # STCD22AH
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZOWIE [Zowie Technology Corporation]
Direct Link  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation

STCD22AH Datasheet(HTML) 3 Page - Zowie Technology Corporation

  STCD22AH Datasheet HTML 1Page - Zowie Technology Corporation STCD22AH Datasheet HTML 2Page - Zowie Technology Corporation STCD22AH Datasheet HTML 3Page - Zowie Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Zowie Technology Corporation
STCDH SERIES
Zowie Technology Corporation
2012/10
STCD5.0AH
STCD6.0AH
STCD6.5AH
STCD7.0AH
STCD7.5AH
STCD8.0AH
STCD8.5AH
STCD9.0AH
STCD10AH
STCD11AH
STCD12AH
STCD13AH
STCD14AH
STCD15AH
STCD16AH
STCD17AH
STCD18AH
STCD19AH
STCD20AH
STCD22AH
STCD24AH
STCD26AH
STCD28AH
STCD30AH
STCD33AH
STCD36AH
STCD40AH
STCD43AH
STCD45AH
STCD48AH
STCD51AH
STCD54AH
STCD58AH
STCD60AH
STCD64AH
STCD70AH
STCD75AH
STCD78AH
STCD80AH
STCD85AH
STCD90AH
STCD100AH
STCD110AH
STCD120AH
STCD130AH
STCD140AH
STCD150AH
STCD160AH
STCD170AH
STCD180AH
STCD190AH
STCD5.0CAH
STCD6.0CAH
STCD6.5CAH
STCD7.0CAH
STCD7.5CAH
STCD8.0CAH
STCD8.5CAH
STCD9.0CAH
STCD10CAH
STCD11CAH
STCD12CAH
STCD13CAH
STCD14CAH
STCD15CAH
STCD16CAH
STCD17CAH
STCD18CAH
STCD19CAH
STCD20CAH
STCD22CAH
STCD24CAH
STCD26CAH
STCD28CAH
STCD30CAH
STCD33CAH
STCD36CAH
STCD40CAH
STCD43CAH
STCD45CAH
STCD48CAH
STCD51CAH
STCD54CAH
STCD58CAH
STCD60CAH
STCD64CAH
STCD70CAH
STCD75CAH
STCD78CAH
STCD80CAH
STCD85CAH
STCD90CAH
STCD100CAH
STCD110CAH
STCD120CAH
STCD130CAH
STCD140CAH
STCD150CAH
STCD160CAH
STCD170CAH
STCD180CAH
STCD190CAH
5.0
6.0
6.5
7.0
7.5
8.0
8.5
9.0
10
11
12
13
14
15
16
17
18
19
20
22
24
26
28
30
33
36
40
43
45
48
51
54
58
60
64
70
75
78
80
85
90
100
110
120
130
140
150
160
170
180
190
UNI- POLAR
BI-POLAR
PART NUMBER
9.2
10.3
11.2
12.0
12.9
13.6
14.4
15.4
17.0
18.2
19.9
21.5
23.2
24.4
26.0
27.6
29.2
30.6
32.4
35.5
38.9
42.1
45.4
48.4
53.3
58.1
64.5
69.4
72.7
77.4
82.4
87.1
93.6
96.8
103.0
113.0
121.0
126.0
129.0
137.0
146.0
162.0
177.0
193.0
209.0
224.0
243.0
259.0
275.0
292.0
308.0
21.74
19.42
17.86
16.67
15.50
14.71
13.89
12.99
11.76
10.99
10.05
9.30
8.62
8.20
7.69
7.25
6.85
6.54
6.17
5.63
5.14
4.75
4.41
4.13
3.75
3.44
3.10
2.88
2.75
2.58
2.43
2.30
2.14
2.07
1.94
1.77
1.65
1.59
1.55
1.46
1.37
1.23
1.13
1.04
0.96
0.89
0.82
0.77
0.73
0.69
0.69
400
400
250
100
50
25
10
5
2.5
2.5
2.5
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
Breakdown Voltage VBR @IT
6.40
6.67
7.22
7.78
8.33
8.89
9.44
10.00
11.10
12.20
13.30
14.40
15.60
16.70
17.80
18.90
20.00
21.10
22.20
24.40
26.70
28.90
31.10
33.30
36.70
40.00
44.40
47.80
50.00
53.30
56.70
60.00
64.40
66.70
71.10
77.80
83.30
86.70
88.80
94.40
100
111
122
133
144
155
167
178
189
200
211
7.00
7.37
7.98
8.60
9.21
9.83
10.40
11.10
12.30
13.50
14.70
15.90
17.20
18.50
19.70
20.90
22.10
23.30
24.50
26.90
29.50
31.90
34.40
36.80
40.60
44.20
49.10
52.80
55.30
58.90
62.70
66.30
71.20
73.70
78.60
86.00
92.10
95.80
97.60
104.00
111
123
135
147
159
171
185
197
209
220
232
10
10
10
10
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
Maximum Reverse
Leakage IR (μA)
@VRWM
Maximum Clamping
Voltage VC (V)
@ IPP
Maximum Reverse
Surge Current
IPP (A)
@10 x 1000μs
sinewave
Working Peak
Reverse Voltage
VRWM
(V)
Min. (V)
Max. (V)
IT (mA)
NOTE : 1. The available parts " A " type only, the parts without A(VBR is ± 10%) is not available
2. Add suffix " CA " after part number to specify Bi-directional devices.
3. For Bi-Directional devices having VR of 10 volts and under, the IR limit is double .



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com