Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC2952 Datasheet(PDF) 1 Page - Advanced Semiconductor

Part # 2SC2952
Description  The 2SC2592 is a High Frequency Transistor Designed for General Purpose VHF-UHF Amplifier Applications.
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

2SC2952 Datasheet(HTML) 1 Page - Advanced Semiconductor

  2SC2952 Datasheet HTML 1Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A D V A N C E D S E M I C O N D U C T O R, I N C.
REV. A
7525 ETHEL AVENUE
• NORTH HOLLYWOOD, CA 91605 • (818) 982-1202 • FAX (818) 765-3004
1/1
Specifications are subject to change without notice.
CHARACTERISTICS TC = 25 OC
SYMBOL
TEST CONDITIONS
MINIMUM
TYPICAL MAXIMUM
UNITS
BVCEO
IC = 1.0 mA
20
V
BVCBO
IC = 100
µA
30
V
BVEBO
IE = 100
µA
3
V
ICBO
VCB = 20 V
10
µµµµA
hFE
VCE = 10 V
IC = 80 mA
30
80
200
---
ft
VCE = 10 V
IE = 60 mA
f = 200 MHz
2800
3300
MHz
CCB
VCB = 10 V
f = 1.0 MHz
2.5
pF
S21E2
VCE = 10 V
IE = 60 mA
f = 500 MHz
8.5
dB
NF
VCE = 10 V
IC = 10 mA V
f = 500 MHz
3.5
dB
NPN SILICON HIGH FREQUENCY TRANSISTOR
2SC2952
DESCRIPTION:
The
2SC2592 is a High Frequency
Transistor Designed for General
Purpose VHF-UHF Amplifier
Applications.
MAXIMUM RATINGS
IC
250 mA
VCE
30 V
PDISS
3.5 W @ TC = 25
OC
TJ
-65 to +200
OC
TSTG
-65 to +200
OC
θθθθ
JC
50
OC/W
PACKAGE STYLE TO-39
1 = Emitter
2 = Base
3 & 4 = Collector (Case)


Similar Part No. - 2SC2952

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
2SC2952 ASI-2SC2952 Datasheet
73Kb / 1P
NPN SILICON HIGH FREQUENCY TRANSISTOR
2SC2952 ASI-2SC2952_09 Datasheet
73Kb / 1P
NPN SILICON HIGH FREQUENCY TRANSISTOR
More results

Similar Description - 2SC2952

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
15GN01MA SANYO-15GN01MA Datasheet
54Kb / 5P
VHF to UHF Band High-Frequency Switching, High-Frequency General-Purpose Amplifier Applications
15GN01CA SANYO-15GN01CA_12 Datasheet
399Kb / 7P
VHF to UHF Band High-Frequency Switching, High-Frequency General-Purpose Amplifier Applications
logo
E-Tech Electronics LTD
G2N3906 ETL-G2N3906 Datasheet
206Kb / 1P
The G2N3906 is designed for general purpose switching and amplifier applications
G2N4403 ETL-G2N4403 Datasheet
113Kb / 2P
The G2N4403 is designed for general purpose switching and amplifier applications.
G8550S ETL-G8550S Datasheet
177Kb / 3P
The G8550S is designed for general purpose amplifier applications
G9014 ETL-G9014 Datasheet
184Kb / 3P
The G9014 is designed for general purpose amplifier applications
GMBTA06 ETL-GMBTA06 Datasheet
233Kb / 2P
The GMBTA06 is designed for general purpose amplifier applications
GMSD1664 ETL-GMSD1664 Datasheet
193Kb / 2P
The GMSD1664 is designed for general purpose amplifier applications.
GS123 ETL-GS123 Datasheet
157Kb / 2P
The GS123 is designed for general purpose amplifier applications.
GSB1694 ETL-GSB1694 Datasheet
125Kb / 2P
The GSB1694 is designed for general purpose amplifier applications
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com