Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7790 Datasheet(PDF) 13 Page - Analog Devices

Part # AD7790
Description  Low Power, 16-Bit Buffered Sigma-Delta ADC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7790 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD7790 Datasheet HTML 9Page - Analog Devices AD7790 Datasheet HTML 10Page - Analog Devices AD7790 Datasheet HTML 11Page - Analog Devices AD7790 Datasheet HTML 12Page - Analog Devices AD7790 Datasheet HTML 13Page - Analog Devices AD7790 Datasheet HTML 14Page - Analog Devices AD7790 Datasheet HTML 15Page - Analog Devices AD7790 Datasheet HTML 16Page - Analog Devices AD7790 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
AD7790
Rev. 0 | Page 13 of 20
ADC CIRCUIT INFORMATION
OVERVIEW
The AD7790 is a low power ADC that incorporates a ∑-∆
modulator, a buffer, a PGA, and on-chip digital filtering intend-
ed for the measurement of wide dynamic range, low frequency
signals such as those in pressure transducers, weigh scales, and
temperature measurement applications.
The part has one differential input that can be buffered or
unbuffered. Buffering the input channel means that the part can
accommodate significant source impedances on the analog
input and that R, C filtering (for noise rejection or RFI reduc-
tion) can be placed on the analog input, if required. The device
requires an external reference of 2.5 nominal. Figure 7 shows
the basic connections required to operate the part.
03538-0-006
IN+
10
µF
0.1
µF
IN–
OUT–
POWER
SUPPLY
OUT+
REFIN(+)
CS
DOUT/RDY
SCLK
VDD
GND
AIN(+)
AIN(–)
REFIN(–)
AD7790
MICROCONTROLLER
Figure 7. Basic Connection Diagram
The output rate of the AD7790 (fADC) is user programmable
with the settling time equal to 2 × tADC. Normal mode rejection
is the major function of the digital filter. Table 13 lists the avail-
able output rates from the AD7790. Simultaneous 50 Hz and
60 Hz rejection is optimized when the update rate equals
16.6 Hz as notches are placed at both 50 Hz and 60 Hz with this
update rate (see Figure 6).
NOISE PERFORMANCE
Table 14 shows the output rms noise, rms resolution, and peak-
to-peak resolution (rounded to the nearest 0.5 LSB) for the
different update rates and input ranges for the AD7790. The
numbers given are with a reference of 2.5 V. The numbers are
typical and generated with a differential input voltage of 0 V.
The peak-to-peak resolution figures represent the resolution for
which there will be no code flicker within a six-sigma limit. The
output noise comes from two sources. The first is the electrical
noise in the semiconductor devices (device noise) used in the
implementation of the modulator. The second is quantization
noise, which is added when the analog input is converted into
the digital domain. The device noise is at a low level and is
independent of frequency. The quantization noise starts at an
even lower level but rises rapidly with increasing frequency to
become the dominant noise source.
Table 14. Typical Peak-to-Peak Resolution (Effective
Resolution) vs. Update Rate and Input Range
Input Range
Update Rate
±0.3125
±0.625
±1.25
±2.5
9.5
16 (16)
16 (16)
16 (16)
16 (16)
13.3
16 (16)
16 (16)
16 (16)
16 (16)
16.7
16 (16)
16 (16)
16 (16)
16 (16)
16.6
16 (16)
16 (16)
16 (16)
16 (16)
20
15.5 (16)
16 (16)
16 (16)
16 (16)
33.3
14.5 (16)
15.5 (16)
16 (16)
16 (16)
100
11.5 (14)
12.5 (15)
13.5 (16)
14.5 (16)
120
11 (13.5)
12 (14.5)
13 (15.5)
14 (16)
REDUCED CURRENT MODES
The AD7790 has a current consumption of 160 µA maximum
when operated with the buffer enabled and with a 5 V power
supply. The power can be reduced further by setting bits CDIV1
and CDIV0 in the filter register appropriately (see Table 15).
By setting these bits, the internal clock is divided by 2, 4, or 8
before being applied to the modulator and filter, resulting in a
reduction in the digital current.
When the internal clock is reduced, the update rate will also be
reduced. For example, if the filter bits are set to give an update
rate of 16.6 Hz when the AD7790 is operated in full clock mode,
the update rate will equal 8.3 Hz in divide by 2 mode. In these
low power modes, there may be some degradation in the ADC
performance.
Table 15. Low Power Mode Selection
CDIV[1:0]
Clock
Typ Current, Buffered (µA)
Typ Current, Unbuffered (µA)
50 Hz/60 Hz Rejection (dB)
00
1
146
75
70
10
1/2
87
45
72
10
1/4
56
30
88
11
1/8
41
25
89



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com