Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSP036-RXBN2 Datasheet(PDF) 1 Page - Sparkle Power Inc.

Part # FSP036-RXBN2
Description  AC?륞C POWER SUPPLY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPI [Sparkle Power Inc.]
Direct Link  http://www.sparklepower.com
Logo SPI - Sparkle Power Inc.

FSP036-RXBN2 Datasheet(HTML) 1 Page - Sparkle Power Inc.

  FSP036-RXBN2 Datasheet HTML 1Page - Sparkle Power Inc. FSP036-RXBN2 Datasheet HTML 2Page - Sparkle Power Inc. FSP036-RXBN2 Datasheet HTML 3Page - Sparkle Power Inc. FSP036-RXBN2 Datasheet HTML 4Page - Sparkle Power Inc. FSP036-RXBN2 Datasheet HTML 5Page - Sparkle Power Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
w
Fe
  
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
 
De
The
fro
opt
ele
wit
em
sta
 
Ap
•
•
•
•
•
•
•
Sp
www.sparkle
eatures 
Meet Effici
Operation 
Full Range 
IEC320‐C6 A
Single regu
Output Pow
High efficie
Class I Pow
OVP, OCP, 
UL/cUL, FC
Meet NRCa
requiremen
Meet KC, C
100% burn‐
Operation i
Custom des
escription
e SPI FSP036
m 36W to 4
tional DC plu
ectronic devi
th various AC
mission limita
ndards.  
pplication
Desktop/Al
LCD/LED M
POS system
Office elect
Telecommu
Test measu
Industrial e
pecificatio
 
SP
FSP0
epower.com
ency Level V
up to 5,000 
AC Input fro
AC Inlet 
lated outpu
wer: 36W an
ency and reli
wer Adapter 
Short circuit
C, TUV, EMC
an, ERP COC 
nts 
CCC, RCM, BS
‐in/Hi‐Pot/A
in tropical cl
signs availab
n 
6/045‐RxBN2
5W. All mod
ug that fit in
ces. They ar
C power cor
ations, and c
ns 
ll‐in‐One/No
Monitors 
ms 
tronic device
unication de
urement equ
equipment 
ons: 
PAR
036/045‐
m       Tel: 1‐4
VI 
meters 
om 90 to 264
t from 12/19
nd 45W 
ability 
t and therma
C safety app
Tier 1, GEM
SMI, PSB, BIS
ATE 
limate envir
ble  
2 series are h
dels of adapt
to the dema
re enclosed i
ds for world
comply with 
otebook PCs 
es 
evices 
uipment 
KLE 
‐RxBN2 S
08‐519‐8888
4 Vac 
9/24 Vdc Ou
al protection
rovals 
MS, CONUEE 
S, CU, PSE, N
onment 
highly reliab
ters provide
ands for vari
in a 94V‐0 ra
d‐wide use. A
Department
POW
eries AC‐
 
8/1‐626‐839
‐ 1 ‐ 
utput 
n 
efficiency 
NOM safety r
ble AC‐DC sw
different ou
ous types of
ated polycar
All models m
t of Energy (
WER
‐DC POW
9‐7180       E‐
requirement
witching pow
utput voltag
f consumer, 
rbonate case
meet FCC Par
(DOE) and En
R INC
WER SUPP
‐Mail: sparkl
ts 
wer supplies 
ges 12VDC, 1
commercia
e with an IEC
rt 15 class B,
nergy‐relate
C.
  
LY 
le@sparklep
with output
19VDC, and 2
l, and indust
C320‐C6 inle
, IC ICES‐003
ed Products 
power.com
t power 
24VDC with 
trial 
t to mate 
3, and EMC 
(ErP) 


Similar Part No. - FSP036-RXBN2

ManufacturerPart #DatasheetDescription
logo
Sparkle Power Inc.
FSP036-RAC SPI-FSP036-RAC Datasheet
62Kb / 1P
High efficiency and reliability
logo
FSP TECHNOLOGY INC.
FSP036-RBBN2 FSP-FSP036-RBBN2 Datasheet
115Kb / 1P
Meet Energy Star EPS2.0/ErP lot 7
FSP036-RBCN2 FSP-FSP036-RBCN2 Datasheet
142Kb / 1P
IPC systems, Set top boxes, Modems
More results

Similar Description - FSP036-RXBN2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CH0018 ETC2-CH0018 Datasheet
229Kb / 1P
AC/DC Power Supply
logo
CUI INC
VGD-30-D512 CUI-VGD-30-D512 Datasheet
313Kb / 4P
AC-DC POWER SUPPLY
VFM40-D512 CUI-VFM40-D512_12 Datasheet
253Kb / 4P
AC-DC POWER SUPPLY
VSK-S20-3R3U CUI-VSK-S20-3R3U Datasheet
155Kb / 4P
AC-DC POWER SUPPLY
VSK-S10-3R3UA-T CUI-VSK-S10-3R3UA-T Datasheet
370Kb / 5P
AC-DC POWER SUPPLY
VOF-80 CUI-VOF-80_12 Datasheet
250Kb / 5P
AC-DC POWER SUPPLY
logo
Sparkle Power Inc.
FSP030-DXAN3 SPI-FSP030-DXAN3 Datasheet
608Kb / 6P
AC?륞C POWER SUPPLY
logo
B&K Precision Corporati...
1655A BK-1655A Datasheet
322Kb / 1P
AC Power Supply
logo
Pepperl+Fuchs Inc.
PSU1100-J1-AC-N0 PF-PSU1100-J1-AC-N0 Datasheet
519Kb / 3P
AC Power Supply
PSU1200-J2-AC-N0 PF-PSU1200-J2-AC-N0 Datasheet
519Kb / 3P
AC Power Supply
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com