Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATF750LVC Datasheet(PDF) 13 Page - ATMEL Corporation

Part # ATF750LVC
Description  High-speed Complex Programmable Logic Device
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF750LVC Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button ATF750LVC Datasheet HTML 6Page - ATMEL Corporation ATF750LVC Datasheet HTML 7Page - ATMEL Corporation ATF750LVC Datasheet HTML 8Page - ATMEL Corporation ATF750LVC Datasheet HTML 9Page - ATMEL Corporation ATF750LVC Datasheet HTML 10Page - ATMEL Corporation ATF750LVC Datasheet HTML 11Page - ATMEL Corporation ATF750LVC Datasheet HTML 12Page - ATMEL Corporation ATF750LVC Datasheet HTML 13Page - ATMEL Corporation ATF750LVC Datasheet HTML 14Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
ATF750LVC
13
Packaging Information
.045(1.14) X 45°
PIN NO. 1
IDENTIFY
.032(.813)
.026(.660)
.050(1.27) TYP
.300(7.62) REF SQ
.045(1.14) X 30° - 45°
.022(.559) X 45° MAX (3X)
.012(.305)
.008(.203)
.021(.533)
.013(.330)
.430(10.9)
.390(9.91)
SQ
.043(1.09)
.020(.508)
.120(3.05)
.090(2.29)
.180(4.57)
.165(4.19)
.456(11.6)
.450(11.4)
.495(12.6)
.485(12.3)
SQ
SQ
1.27(32.3)
1.25(31.7)
PIN
1
.266(6.76)
.250(6.35)
.090(2.29)
MAX
.005(.127)
MIN
.070(1.78)
.020(.508)
.023(.584)
.014(.356)
.065(1.65)
.040(1.02)
.325(8.26)
.300(7.62)
0
15
REF
.400(10.2) MAX
.012(.305)
.008(.203)
.110(2.79)
.090(2.29)
.151(3.84)
.125(3.18)
SEATING
PLANE
.200(5.06)
MAX
1.100(27.94) REF
.020(.508)
.013(.330)
.299(7.60)
.291(7.39)
.420(10.7)
.393(9.98)
.105(2.67)
.092(2.34)
.050(1.27) BSC
.616(15.6)
.598(15.2)
.012(.305)
.003(.076)
.013(.330)
.009(.229)
.050(1.27)
.015(.381)
8
0 REF
PIN 1 ID
*Controlling dimension: millimeters
28J, 28-lead, Plastic J-leaded Chip Carrier (PLCC)
Dimensions in Inches and (Millimeters)
JEDEC STANDARD MS-018 AB
24P3, 24-lead, 0.300" Wide, Plastic Dual Inline
Package (PDIP)
Dimensions in Inches and (Millimeters)
JEDEC STANDARD MS-001 AF
24S, 24-lead, 0.300" Wide, Plastic Gull Wing Small
Outline (SOIC)
Dimensions in Inches and (Millimeters)
24X, 24-lead, 0.173" Wide, Thin Shrink Small Outline
(TSSOP)
Dimensions in Millimeters and (Inches)*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com