Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N60 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # 2N60
Description  isc N-Channel MOSFET Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2N60 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  2N60_18 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2N60_18 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc website:www.iscsemi.cn
isc & iscsemi is registered trademark
1
isc N-Channel MOSFET Transistor
2N60
·
FEATURES
·
Drain current: ID= 2A@ TC=25℃
·
Drain source voltage: VDSS= 600V(Min)
·
Static drain-source on-resistance: RDS(on) = 5.0Ω(Max)
·
Fast switching
·
100% avalanche tested
·
Minimum Lot-to-Lot variations for robust device
performance and reliable operationz
·
APPLICATIONS
·
Switching power supplies,converters
·
AC and DC motor controls
·
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VDSS
Drain-Source Voltage
600
V
VGSS
Gate-Source Voltage
±
30
V
ID
Drain Current-Continuous
2
A
IDM
Drain Current-Single Pulsed
8
A
PD
Total Dissipation
45
W
Tj
Operating Junction Temperature
-55~150
℃
Tstg
Storage Temperature
-55~150
℃
·
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth(ch-c)
Channel-to-case thermal resistance
4.0
℃
/W
Rth(ch-a)
Channel-to-ambient thermal resistance
54
℃
/W


Similar Part No. - 2N60_18

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N6031 ONSEMI-2N6031 Datasheet
118Kb / 8P
POWER TRANSISTORS COMPLEMENTARY SILICON
May, 2001 ??Rev. 0
logo
List of Unclassifed Man...
2N6031 ETC-2N6031 Datasheet
347Kb / 8P
Power Transistors
logo
Savantic, Inc.
2N6031 SAVANTIC-2N6031 Datasheet
111Kb / 3P
Silicon PNP Power Transistors
logo
Inchange Semiconductor ...
2N6031 ISC-2N6031 Datasheet
130Kb / 3P
Silicon PNP Power Transistors
logo
Central Semiconductor C...
2N6031 CENTRAL-2N6031 Datasheet
317Kb / 2P
PNP SILICON POWER TRANSISTOR 140 VOLTS, 200 WATTS
More results

Similar Description - 2N60_18

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
ISCB18101 ISC-ISCB18101 Datasheet
320Kb / 2P
isc N-Channel MOSFET Transistor
ISCD18130 ISC-ISCD18130 Datasheet
335Kb / 2P
isc N-Channel MOSFET Transistor
ISCF18118 ISC-ISCF18118 Datasheet
330Kb / 2P
isc N-Channel MOSFET Transistor
ISCN18117 ISC-ISCN18117 Datasheet
319Kb / 2P
isc N-Channel MOSFET Transistor
AOB2140L ISC-AOB2140L Datasheet
319Kb / 2P
isc N-Channel MOSFET Transistor
ISCN1894 ISC-ISCN1894 Datasheet
325Kb / 2P
isc N-Channel MOSFET Transistor
IPA60R199CP ISC-IPA60R199CP Datasheet
333Kb / 2P
isc N-Channel MOSFET Transistor
IPA90R500C3 ISC-IPA90R500C3 Datasheet
330Kb / 2P
isc N-Channel MOSFET Transistor
STD7N80K5 ISC-STD7N80K5 Datasheet
335Kb / 2P
isc N-Channel MOSFET Transistor
2SK2543 ISC-2SK2543 Datasheet
338Kb / 2P
isc N-Channel MOSFET Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com