Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATF750LVC-15SC Datasheet(PDF) 5 Page - ATMEL Corporation

Part # ATF750LVC-15SC
Description  High-speed Complex Programmable Logic Device
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF750LVC-15SC Datasheet(HTML) 5 Page - ATMEL Corporation

  ATF750LVC-15SC Datasheet HTML 1Page - ATMEL Corporation ATF750LVC-15SC Datasheet HTML 2Page - ATMEL Corporation ATF750LVC-15SC Datasheet HTML 3Page - ATMEL Corporation ATF750LVC-15SC Datasheet HTML 4Page - ATMEL Corporation ATF750LVC-15SC Datasheet HTML 5Page - ATMEL Corporation ATF750LVC-15SC Datasheet HTML 6Page - ATMEL Corporation ATF750LVC-15SC Datasheet HTML 7Page - ATMEL Corporation ATF750LVC-15SC Datasheet HTML 8Page - ATMEL Corporation ATF750LVC-15SC Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
ATF750LVC
5
AC Waveforms, Product Term Clock
(1)
Note:
1.
Timing measurement reference is 1.5V. Input AC driving levels are 0.0V and 3.0V, unless otherwise specified.
Note:
1. See ordering information for valid part numbers.
AC Characteristics, Product Term Clock
(1)
Symbol
Parameter
-15
Units
Min
Max
t
PD
Input or Feedback to Non-registered Output
15
ns
tEA
Input to Output Enable
15
ns
t
ER
Input to Output Disable
15
ns
t
CO
Clock to Output
5
12
ns
tCF
Clock to Feedback
5
9
ns
t
S
Input Setup Time
8
ns
t
SF
Feedback Setup Time
7
ns
tH
Hold Time
5
ns
t
P
Clock Period
14
ns
t
W
Clock Width
7
ns
f
MAX
External Feedback 1/(tS + tCO)50
MHz
Internal Feedback 1/(t
SF + tCF)62
MHz
No Feedback 1/(t
P)
71
MHz
tAW
Asynchronous Reset Width
15
ns
t
AR
Asynchronous Reset Recovery Time
15
ns
t
AP
Asynchronous Reset to Registered Output Reset
15
ns
tSP
Setup Time, Synchronous Preset
8
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com