Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N6329 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # 2N6329
Description  PNP Transistor(30A, 60V)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N6329 Datasheet(HTML) 1 Page - Microsemi Corporation

  2N6329 Datasheet HTML 1Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - 2N6329

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2N6329 ETC2-2N6329 Datasheet
126Kb / 2P
P-N-P SILICON POWER TRANSISTORS
logo
Inchange Semiconductor ...
2N6329 ISC-2N6329 Datasheet
263Kb / 2P
isc Silicon PNP Power Transistor
More results

Similar Description - 2N6329

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTP19060CG ZETEX-ZXTP19060CG Datasheet
212Kb / 8P
60V PNP medium transistor
ZXTP19060CZ ZETEX-ZXTP19060CZ Datasheet
235Kb / 8P
60V PNP medium transistor
logo
Diodes Incorporated
DXT2907A DIODES-DXT2907A_16 Datasheet
372Kb / 7P
60V PNP TRANSISTOR
Rev 6
FMMT591Q DIODES-FMMT591Q_17 Datasheet
574Kb / 7P
60V PNP MEDIUM POWER TRANSISTOR
Rev 2
FZT751Q DIODES-FZT751Q_18 Datasheet
578Kb / 7P
60V PNP HIGH PERFORMANCE TRANSISTOR
Rev 3
FZT951 DIODES-FZT951_17 Datasheet
537Kb / 7P
60V PNP MEDIUM POWER TRANSISTOR
Rev 6
MMBT2907A DIODES-MMBT2907A_16 Datasheet
251Kb / 7P
60V PNP SMALL SIGNAL TRANSISTOR
Rev 19
MMBT2907AT DIODES-MMBT2907AT_16 Datasheet
360Kb / 6P
60V PNP SMALL SIGNAL TRANSISTOR
Rev 10
MMST2907A DIODES-MMST2907A_16 Datasheet
430Kb / 6P
60V PNP SMALL SIGNAL TRANSISTOR
Rev 11
logo
Leshan Radio Company
LBTP460Z4TZHG LRC-LBTP460Z4TZHG Datasheet
663Kb / 6P
60V PNP TRANSISTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com