Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TH72001 Datasheet(PDF) 1 Page - Melexis Microelectronic Systems

Part # TH72001
Description  315MHz FSK Transmitter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

TH72001 Datasheet(HTML) 1 Page - Melexis Microelectronic Systems

  TH72001 Datasheet HTML 1Page - Melexis Microelectronic Systems TH72001 Datasheet HTML 2Page - Melexis Microelectronic Systems TH72001 Datasheet HTML 3Page - Melexis Microelectronic Systems TH72001 Datasheet HTML 4Page - Melexis Microelectronic Systems TH72001 Datasheet HTML 5Page - Melexis Microelectronic Systems TH72001 Datasheet HTML 6Page - Melexis Microelectronic Systems TH72001 Datasheet HTML 7Page - Melexis Microelectronic Systems TH72001 Datasheet HTML 8Page - Melexis Microelectronic Systems TH72001 Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
TH72001
315MHz
FSK Transmitter
Page 1 of 23
REVISION 011 - JUNE 13, 2017
3901072001
Features and Benefits
Fully integrated PLL-stabilized LC VCO
Frequency range of 290MHz to 350MHz
Single-ended RF output
FSK through crystal pulling allows
modulation from DC to 40 kbit/s
High FSK deviation possible for wideband
data transmission
Wide power supply range from 2.1 V to 5.5 V
Very low standby current
On-chip low voltage detector
High over-all frequency accuracy
FSK deviation and center frequency
independently adjustable
Adjustable output power range from
-12 dBm to +11 dBm
Adjustable current consumption from
3.2 mA to 10.3 mA
Conforms to EN 300 220 and similar
standards
8-pin Small Outline Integrated Circuit (SOIC)
Application Examples
General digital data transmission
Tire Pressure Monitoring System (TPMS)
Remote Keyless Entry (RKE)
Low-power telemetry
Alarm and security systems
Garage door openers
Home automation
Pin Description
Ordering information
Product Code
Temperature Code
Package Code
Option Code
Packing Form Code
TH72001
K
DC
BAA-000
RE
TH72001
K
DC
BAA-000
TU
Legend:
Temperature Code:
K for Temperature Range -40°C to 125°C
Package Code:
DC for SOIC
Packing Form:
RE for Reel, TU for Tube
Ordering example:
TH72001KDC-BAA-000
General Description
The TH72001 FSK transmitter IC is designed for applications in the 315 MHz industrial-scientific-medical (ISM) band. It can also be
used for any other system with carrier frequencies at
290 to 350MHz.
The transmitter's carrier frequency fc is determined by the frequency of the reference crystal fref. The integrated PLL synthesizer
ensures that the radio frequency (RF) can be achieved by using a crystal with a reference frequency according to: fref = fc/N, where
N = 32 is the PLL feedback divider ratio.


Similar Part No. - TH72001

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
TH72001 MELEXIS-TH72001 Datasheet
524Kb / 20P
315MHz FSK Transmitter
TH72001 MELEXIS-TH72001 Datasheet
696Kb / 20P
FSK Transmitter
TH72001KDC MELEXIS-TH72001KDC Datasheet
524Kb / 20P
315MHz FSK Transmitter
TH72001KDCBAA-000RE MELEXIS-TH72001KDCBAA-000RE Datasheet
696Kb / 20P
FSK Transmitter
TH72001KDCBAA-000TU MELEXIS-TH72001KDCBAA-000TU Datasheet
696Kb / 20P
FSK Transmitter
More results

Similar Description - TH72001

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TDA5251F1 INFINEON-TDA5251F1 Datasheet
2Mb / 88P
ASK/FSK 315MHz Wireless Transceiver
Version 1.0, 2003-02-18
logo
Melexis Microelectronic...
EVB72005 MELEXIS-EVB72005 Datasheet
648Kb / 14P
315MHz FSK/ASK Transmitter Evaluation Board Description
EVB72006 MELEXIS-EVB72006 Datasheet
516Kb / 12P
315MHz FSK/ASK Transmitter Evaluation Board Description
TH72006 MELEXIS-TH72006 Datasheet
339Kb / 16P
315MHz FSK/ASK Transmitter
TH72005 MELEXIS-TH72005 Datasheet
555Kb / 20P
315MHz FSK/ASK Transmitter
TH72001 MELEXIS-TH72001 Datasheet
524Kb / 20P
315MHz FSK Transmitter
logo
Sanyo Semicon Device
LV2256PTT SANYO-LV2256PTT Datasheet
61Kb / 5P
Bi-CMOS IC 315MHz Band FSK/ASK Wireless Transmitter IC
logo
Infineon Technologies A...
TDA5251F1 INFINEON-TDA5251F1_07 Datasheet
2Mb / 88P
ASK/FSK 315MHz Wireless Transceiver
Version 1.1, 2007-02-26
logo
Melexis Microelectronic...
TH72002 MELEXIS-TH72002_17 Datasheet
1Mb / 21P
315MHz ASK Transmitter
TH72005 MELEXIS-TH72005_17 Datasheet
1Mb / 21P
315MHz FSK/ASK Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com