Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TH72002 Datasheet(PDF) 1 Page - Melexis Microelectronic Systems

Part # TH72002
Description  315MHz ASK Transmitter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

TH72002 Datasheet(HTML) 1 Page - Melexis Microelectronic Systems

  TH72002 Datasheet HTML 1Page - Melexis Microelectronic Systems TH72002 Datasheet HTML 2Page - Melexis Microelectronic Systems TH72002 Datasheet HTML 3Page - Melexis Microelectronic Systems TH72002 Datasheet HTML 4Page - Melexis Microelectronic Systems TH72002 Datasheet HTML 5Page - Melexis Microelectronic Systems TH72002 Datasheet HTML 6Page - Melexis Microelectronic Systems TH72002 Datasheet HTML 7Page - Melexis Microelectronic Systems TH72002 Datasheet HTML 8Page - Melexis Microelectronic Systems TH72002 Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
TH72002
315MHz
ASK Transmitter
Page 1 of 21
REVISION 011 - JUNE 13, 2017
3901072002
Features and Benefits
Fully integrated PLL-stabilized VCO
Frequency range from 290 MHz to 350 MHz
Single-ended RF output
ASK achieved by on/off keying of internal
power amplifier up to 40 kbit/s
Wide power supply range from 1.95 V to 5.5
V
Very low standby current
On-chip low voltage detector
High over-all frequency accuracy
Adjustable output power range from
-12 dBm to +11 dBm
Adjustable current consumption from
3.2 mA to 10.3 mA
Conforms to EN 300 220 and similar
standards
8-pin Small Outline Integrated Circuit (SOIC)
Application Examples
General digital data transmission
Tire Pressure Monitoring System (TPMS)
Remote Keyless Entry (RKE)
Low-power telemetry
Alarm and security systems
Garage door openers
Home automation
Pin Description
Ordering information
Product Code
Temperature Code
Package Code
Option Code
Packing Form Code
TH72002
K
DC
BAA-000
RE
TH72002
K
DC
BAA-000
TU
Legend:
Temperature Code:
K for Temperature Range -40°C to 125°C
Package Code:
DC for SOIC
Packing Form:
RE for Reel, TU for Tube
Ordering example:
TH72002KDC-BAA-000
General Description
The TH72002 ASK transmitter IC is designed for applications in the 315 MHz industrial-scientific-medical (ISM) band. It can also be
used for any other system with carrier frequencies ranging from 290 MHz to 350 MHz.
The transmitter's carrier frequency fc is determined by the frequency of the reference crystal fref. The integrated PLL synthesizer
ensures that each RF value, ranging from 290 MHz to 350 MHz, can be achieved by using a crystal with a reference frequency
according to: fref = fc/N, where N = 32 is the PLL feedback divider ratio.


Similar Part No. - TH72002

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
TH72002 MELEXIS-TH72002 Datasheet
512Kb / 20P
ASK Transmitter
TH72002 MELEXIS-TH72002 Datasheet
700Kb / 20P
ASK Transmitter
TH72002KDC MELEXIS-TH72002KDC Datasheet
512Kb / 20P
ASK Transmitter
TH72002KDCBAA-000RE MELEXIS-TH72002KDCBAA-000RE Datasheet
700Kb / 20P
ASK Transmitter
TH72002KDCBAA-000TU MELEXIS-TH72002KDCBAA-000TU Datasheet
700Kb / 20P
ASK Transmitter
More results

Similar Description - TH72002

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TDA5251F1 INFINEON-TDA5251F1 Datasheet
2Mb / 88P
ASK/FSK 315MHz Wireless Transceiver
Version 1.0, 2003-02-18
logo
Melexis Microelectronic...
EVB72005 MELEXIS-EVB72005 Datasheet
648Kb / 14P
315MHz FSK/ASK Transmitter Evaluation Board Description
EVB72006 MELEXIS-EVB72006 Datasheet
516Kb / 12P
315MHz FSK/ASK Transmitter Evaluation Board Description
TH72006 MELEXIS-TH72006 Datasheet
339Kb / 16P
315MHz FSK/ASK Transmitter
TH72005 MELEXIS-TH72005 Datasheet
555Kb / 20P
315MHz FSK/ASK Transmitter
logo
Sanyo Semicon Device
LV2256PTT SANYO-LV2256PTT Datasheet
61Kb / 5P
Bi-CMOS IC 315MHz Band FSK/ASK Wireless Transmitter IC
logo
Maxim Integrated Produc...
MAX7058 MAXIM-MAX7058 Datasheet
219Kb / 14P
315MHz/390MHz Dual-Frequency ASK Transmitter
19-3206; Rev 0; 1/08
logo
Infineon Technologies A...
TDA5251F1 INFINEON-TDA5251F1_07 Datasheet
2Mb / 88P
ASK/FSK 315MHz Wireless Transceiver
Version 1.1, 2007-02-26
logo
Maxim Integrated Produc...
MAX7034_1206 MAXIM-MAX7034_1206 Datasheet
283Kb / 14P
315MHz/434MHz ASK Superheterodyne Receiver
Rev 3; 6/12
logo
Melexis Microelectronic...
TH72005 MELEXIS-TH72005_17 Datasheet
1Mb / 21P
315MHz FSK/ASK Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com