Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TH72011 Datasheet(PDF) 6 Page - Melexis Microelectronic Systems

Part # TH72011
Description  433MHz FSK Transmitter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

TH72011 Datasheet(HTML) 6 Page - Melexis Microelectronic Systems

Back Button TH72011 Datasheet HTML 2Page - Melexis Microelectronic Systems TH72011 Datasheet HTML 3Page - Melexis Microelectronic Systems TH72011 Datasheet HTML 4Page - Melexis Microelectronic Systems TH72011 Datasheet HTML 5Page - Melexis Microelectronic Systems TH72011 Datasheet HTML 6Page - Melexis Microelectronic Systems TH72011 Datasheet HTML 7Page - Melexis Microelectronic Systems TH72011 Datasheet HTML 8Page - Melexis Microelectronic Systems TH72011 Datasheet HTML 9Page - Melexis Microelectronic Systems TH72011 Datasheet HTML 10Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
TH72011
433MHz
FSK Transmitter
Page 6 of 21
REVISION 012 - JUNE 14, 2017
3901072011
2.4. Output Power Selection
The transmitter is provided with an output power selection feature. There are four predefined output power steps
and one off-step accessible via the power selection pin PSEL. A digital power step adjustment was chosen because of
its high accuracy and stability. The number of steps and the step sizes as well as the corresponding power levels are
selected to cover a wide spectrum of different applications.
The implementation of the output power control
logic is shown in figure 4. There are two matched
current sources with an amount of about 8 µA. One
current source is directly applied to the PSEL pin.
The other current source is used for the generation
of reference voltages with a resistor ladder. These
reference voltages are defining the thresholds
between the power steps. The four comparators
deliver
thermometer-coded
control
signals
depending on the voltage level at the pin PSEL. In
order to have a certain amount of ripple tolerance
in a noisy environment the comparators are
provided with a little hysteresis of about 20 mV.
With these control signals, weighted current
sources of the power amplifier are switched on or
off to set the desired output power level (Digitally
Controlled Current Source). The LOCK signal and the
output of the low voltage detector are gating this
current source.
Fig. 4: Block diagram of output power control circuitry
There are two ways to select the desired output power step. First by applying a DC voltage at the pin PSEL, then this
voltage directly selects the desired output power step. This kind of power selection can be used if the transmission
power must be changed during operation. For a fixed-power application a resistor can be used which is connected
from the PSEL pin to ground. The voltage drop across this resistor selects the desired output power level. For fixed-
power applications at the highest power step this resistor can be omitted. The pin PSEL is in a high impedance state
during the “TX standby” mode.
2.5. Lock Detection
The lock detection circuitry turns on the power amplifier only after PLL lock. This prevents from unwanted emission of
the transmitter if the PLL is unlocked.
2.6. Low Voltage Detection
The supply voltage is sensed by a low voltage detect circuitry. The power amplifier is turned off if the supply voltage
drops below a value of about 1.85 V. This is done in order to prevent unwanted emission of the transmitter if the
supply voltage is too low.
&
&
&
PSEL
&
&
RPS
OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com