Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC5801IM Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC5801IM
Description  High Speed Low Noise Voltage Feedback Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC5801IM Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button CLC5801IM Datasheet HTML 5Page - National Semiconductor (TI) CLC5801IM Datasheet HTML 6Page - National Semiconductor (TI) CLC5801IM Datasheet HTML 7Page - National Semiconductor (TI) CLC5801IM Datasheet HTML 8Page - National Semiconductor (TI) CLC5801IM Datasheet HTML 9Page - National Semiconductor (TI) CLC5801IM Datasheet HTML 10Page - National Semiconductor (TI) CLC5801IM Datasheet HTML 11Page - National Semiconductor (TI) CLC5801IM Datasheet HTML 12Page - National Semiconductor (TI) CLC5801IM Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Application Information
Introduction
The CLC5801 is a very wide gain-bandwidth, low noise volt-
age feedback operational amplifier which enables applica-
tions areas such as medical diagnostic ultrasound, magnetic
tape & disk storage and fiber-optics to achieve maximum
high-frequency signal-to-noise ratios. The following discus-
sion will describe the proper selection of external compo-
nents in order to achieve optimum device performance.
Bias Current Cancellation
In order to cancel the bias current errors of the non-inverting
configuration, the parallel combination of the gain-setting
(R
g) and feedback (Rf) resistors should equal the equivalent
source resistance (R
seq) as defined in Figure 1. Combining
this constraint with the non-inverting gain equation also seen
in
Figure 1, allows both R
f and Rg to be determined explicitly
from the following equations: R
f
=A
VRseq
and R
g
=
R
f/(AV−1). When driven from a 0Ω source, such as that from
the output of an op amp, the non-inverting input of the
CLC5801 should be isolated with at least a 25
Ω series resis-
tor.
As seen in
Figure 2, bias current cancellation is accom-
plished for the inverting configuration by placing a resistor
(R
b) on the non-inverting input equal in value to the resis-
tance seen by the inverting input (R
f || (Rg +Rs)). Rb is
recommended to be no less than 25
Ω for best CLC5801 per-
formance. The additional noise contribution of R
b can be
minimized through the use of a shunt capacitor.
Total Input Noise vs. Source Resistance
In order to determine maximum signal-to-noise ratios from
the CLC5801, an understanding of the interaction between
the amplifier’s intrinsic noise sources and the noise arising
from its external resistors is necessary.
Figure 3 describes the noise model for the non-inverting am-
plifier configuration showing all noise sources. In addition to
the intrinsic input voltage noise (e
n)
and current noise
(i
n =in
+ =i
n
−) sources, there also exists thermal voltage
noise (
) associated with each of the external re-
sistors.
Equation (1) provides the general form for total
equivalent input voltage noise density (e
ni). Equation (2) is a
simplification of
Equation (1) that assumes R
f || Rg =Rseq for
bias current cancellation.
Figure 4 illustrates the equivalent
noise model using this assumption.
Figure 5 is a plot of e
ni
against equivalent source resistance (R
seq) with all of the
contributing noise sources of
Equation (2) shown. This plot
gives the expected e
ni for a given Rseq which assumes Rf ||
R
g =Rseq for bias current cancellation. The total equivalent
output voltage noise (e
no)iseni xAV.
(1)
DS101307-28
FIGURE 1. Non-Inverting Amplifier Configuration
DS101307-29
FIGURE 2. Inverting Amplifier Configuration
DS101307-30
FIGURE 3. Non-Inverting Amplifier Noise Model
www.national.com
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com