Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL-LX4064GD Datasheet(PDF) 1 Page - LUMEX INC.

Part # SSL-LX4064GD
Description  T-4mm 565nm GREEN LED
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMEX [LUMEX INC.]
Direct Link  http://www.lumex.com
Logo LUMEX - LUMEX INC.

SSL-LX4064GD Datasheet(HTML) 1 Page - LUMEX INC.

  SSL-LX4064GD Datasheet HTML 1Page - LUMEX INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - SSL-LX4064GD

ManufacturerPart #DatasheetDescription
logo
LUMEX INC.
SSL-LX4064HD LUMEX-SSL-LX4064HD Datasheet
51Kb / 1P
T-4mm 700nm RED LED
SSL-LX4064ID LUMEX-SSL-LX4064ID Datasheet
51Kb / 1P
T-4mm 635nm RED LED
SSL-LX4064SRD LUMEX-SSL-LX4064SRD Datasheet
51Kb / 1P
T-4mm 660nm SUPER RED LED
SSL-LX4064YD LUMEX-SSL-LX4064YD Datasheet
51Kb / 1P
T-4mm 585nm YELLOW LED
More results

Similar Description - SSL-LX4064GD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SSL-LX3044GD ETC1-SSL-LX3044GD Datasheet
49Kb / 1P
T-3mm 565nm GREEN LED, GREEN DIFFUSED LENS
SSL-LX3044GC ETC1-SSL-LX3044GC Datasheet
54Kb / 1P
T-3mm (T-1) 565nm GREEN LED, WATER CLEAR LENS.
logo
LUMEX INC.
SSL-LX5093GGD LUMEX-SSL-LX5093GGD Datasheet
68Kb / 1P
T-5mm, (T-1 3/4)565nm GREEN, BIPOLAR LED, GREEN DIFFUSED LENS
SSL-LX5093XGC LUMEX-SSL-LX5093XGC Datasheet
53Kb / 1P
T-5mm, 565nm green, tapered led, waterclear lens
SSL-LX4064HD LUMEX-SSL-LX4064HD Datasheet
51Kb / 1P
T-4mm 700nm RED LED
SSL-LX4064ID LUMEX-SSL-LX4064ID Datasheet
51Kb / 1P
T-4mm 635nm RED LED
SSL-LX4064YD LUMEX-SSL-LX4064YD Datasheet
51Kb / 1P
T-4mm 585nm YELLOW LED
SSL-LX4073GD LUMEX-SSL-LX4073GD Datasheet
91Kb / 1P
T-4mm 565nm GREEN LED
SSL-LX4073GT LUMEX-SSL-LX4073GT Datasheet
52Kb / 1P
T-4.7mm 565nm GREEN LED
SSL-LX4073IGW LUMEX-SSL-LX4073IGW Datasheet
54Kb / 1P
T-4.7mm 635nm RED/565nm GREEN BICOLOR LED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com