Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CM6504IP Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # CM6504IP
Description  8-PIN SINGLE PFC CONTROLLER WITH 50% PWM CLOCK SIGNAL
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CM6504IP Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  CM6504IP Datasheet HTML 1Page - List of Unclassifed Manufacturers CM6504IP Datasheet HTML 2Page - List of Unclassifed Manufacturers CM6504IP Datasheet HTML 3Page - List of Unclassifed Manufacturers CM6504IP Datasheet HTML 4Page - List of Unclassifed Manufacturers CM6504IP Datasheet HTML 5Page - List of Unclassifed Manufacturers CM6504IP Datasheet HTML 6Page - List of Unclassifed Manufacturers CM6504IP Datasheet HTML 7Page - List of Unclassifed Manufacturers CM6504IP Datasheet HTML 8Page - List of Unclassifed Manufacturers CM6504IP Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
CM6503/4
8-PIN SINGLE PFC CONTROLLER WITH 50% PWM CLOCK SIGNAL
2002/07/16
Preliminary Rev. 0.2
Champion Microelectronic Corporation
Page 2
PIN DESCRIPTION
Operating Voltage
Pin No.
Symbol
Description
Min.
Typ.
Max.
Unit
1
PFC OUT
PFC driver output
0
VCC
V
2
GND
Ground
3
ISENSE
Current sense input to the PFC current limit comparator
-5
0.7
V
4
VEAO
PFC transconductance voltage error amplifier output
0
6
V
5
VFB
PFC transconductance voltage error amplifier input
0
2.5
3
V
6
IAC
Feedforward input to do slope compensation and to start up
the system
0
1
V
7
VCC
Positive supply
10
15
23
V
8
PWM CLK
BLOCK DIAGRAM
0.5V
PWMCLK
5
VFB
2.75V
VREFOK
RAMP
-1V
S
R
Q
Q
R
fpfc=
VCC
PWM CLK
PFCCMP
+
-
.
67KHz
R1C
4
VEAO
VCC OVP
+
-
.
-
PFC ILIMIT
+
-
.
+
+
OUT
U1
SUM
.
.
.
400K ohm
1
PFCOUT
PFC OVP
+
-
.
-
..
3
ISENSE
+
-
.
VIN OK
+
-
.
+
1K ohm
VREF OK
CM6503
1V
FAULTB
6
IAC
ISENSEAMP
R1B
fpfc=
SS
VCC
PFCCLKB
PWMCLK
OSC
.
.
pwm clk=
R1A
18V
134KHz
+
-
.
VREF OK
50%
7
VCC
2.5V
D4
PFCCLKB
UVLO
Tri-Fault
Detect
CM6504
2.5V
67KHz
0.75V
19.4V
67KHz
2.5V
UVLO
..
2
GND
SS
100K ohm
10mS
..
.
pwm clk=
VFB
gmv
81
PWMCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com