Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0743209010 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0743209010
Description  MicroCross DVI-I Digital/Analog Visual Interface, PCB Receptacle, Panel Mount,Through Hole, Right-Angle, with Beveled Metal Pins, 0.76m Gold (Au), Lead-Free,Screw Hole, 4-40 Thread, 29 Circuits
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

0743209010 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0743209010_18 Datasheet HTML 1Page - Molex Electronics Ltd. 0743209010_18 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Waterproof / Dustproof
No
Wire Size AWG
N/A
Electrical
Current - Maximum per Contact
3.0A
Grounding to Panel
Yes
Shield Type
Full Shield
Shielded
Yes
Voltage - Maximum
40V AC (RMS)
Solder Process Data
Lead-freeProcess Capability
WAVE
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-74320-010
Product Specification
PS-74320-001
Sales Drawing
SD-74320-026-000
Test Summary
TS-74320-001
This document was generated on 10/26/2018
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com