Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0743209010 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0743209010
Description  MicroCross DVI-I Digital/Analog Visual Interface, PCB Receptacle, Panel Mount,Through Hole, Right-Angle, with Beveled Metal Pins, 0.76m Gold (Au), Lead-Free,Screw Hole, 4-40 Thread, 29 Circuits
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

0743209010 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0743209010 Datasheet HTML 1Page - Molex Electronics Ltd. 0743209010 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 10/26/2018
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0743209010
Status:
Active
Overview:
MicroCross DVI Connectors and Cable Assemblies
Description:
MicroCross DVI-I Digital/Analog Visual Interface, PCB Receptacle, Panel Mount,
Through Hole, Right-Angle, with Beveled Metal Pins, 0.76µm Gold (Au), Lead-Free,
Screw Hole, 4-40 Thread, 29 Circuits
Documents:
3D Model
Packaging Specification PK-74320-010 (PDF)
Drawing (PDF)
Test Summary TS-74320-001 (PDF)
Product Specification PS-74320-001 (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
UL
E29179
General
Product Family
I/O Connectors
Series
74320
Application
Wire-to-Board
Comments
DDWG (Digital Display Working Group) Standard
Component Type
Receptacle
Overview
MicroCross DVI Connectors and Cable Assemblies
Product Name
MicroCross DVI
Type
N/A
UPC
800754861878
Physical
Boot Color
N/A
Circuits (Loaded)
29
Circuits (maximum)
29
Color - Resin
Natural
Durability (mating cycles max)
100
Flammability
94V-0
Gender
Receptacle
Keying to Mating Part
Yes
Lock to Mating Part
Yes
Material - Metal
Copper Alloy
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Net Weight
6.714/g
Number of Rows
3
Orientation
Right Angle
PC Tail Length
2.34mm
PCB Locator
Yes
PCB Retention
Yes
Packaging Type
Tray
Panel Mount
Yes
Pitch - Mating Interface
1.90mm
Pitch - Termination Interface
1.90mm
Plating min - Mating
0.762µm
Plating min - Termination
2.540µm
Polarized to Mating Part
Yes
Polarized to PCB
Yes
Ports
1
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-20° to +85°C
Termination Interface: Style
Through Hole
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Compliant
REACH SVHC
Not Contained Per -
ED/61/2018 (27 June
2018)
Halogen-Free
Status
Low-Halogen
For more information, please visit Contact US
China ROHS
Green Image
ELV
Not Relevant
RoHS Phthalates
Not Contained
Search Parts in this Series
74320 Series
Mates With
88744 , 74323
Use With
Hex Screw Kit 71781-1000 or 71781-2000


Similar Part No. - 0743209010

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0743209010 MOLEX8-0743209010 Datasheet
259Kb / 4P
MicroCross??DVI-I Digital/Analog Visual Interface, PCB Receptacle, Panel MountThrough Hole, Right Angle, with Beveled Metal Pins, 0.76關m (30關") Gold (Au), Lead
More results

Similar Description - 0743209010

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0673519057 MOLEX7-0673519057 Datasheet
255Kb / 4P
MicroCross??DVI-I Digital/Analog Visual Interface, Panel Mount, Through Hole, RightAngle, Gold (Au) Flash, with Hex Thumb Screw, 29 Circuits, Lead Free
0673511004 MOLEX7-0673511004 Datasheet
244Kb / 4P
MicroCross??DVI-I Digital/Analog Visual Interface, Panel Mount, Through Hole, Right Angle, PCB Extended Height Receptacle, Gold (Au) Flash, Polyester (PBT), Lead Free Screw Hole, 4-40 Thread, 29 Circuits
0743202021 MOLEX8-0743202021 Datasheet
124Kb / 3P
MicroCross??DVI-I Digital/Analog Visual Interface, Panel Mount, Through Hole, RightAngle, PCB Extended Height Receptacle, Lead Free, Screw Hole, 4-40 Thread, 29
0743209010 MOLEX8-0743209010 Datasheet
259Kb / 4P
MicroCross??DVI-I Digital/Analog Visual Interface, PCB Receptacle, Panel MountThrough Hole, Right Angle, with Beveled Metal Pins, 0.76關m (30關") Gold (Au), Lead
0743209014 MOLEX8-0743209014 Datasheet
259Kb / 4P
MicroCross??DVI-I Digital/Analog Visual Interface, PCB Receptacle, Panel MountThrough Hole, Right Angle, with Beveled Metal Pins, Gold Flash, Lead Free, Screw
0743201304 MOLEX8-0743201304 Datasheet
212Kb / 4P
MicroCross??DVI-I Digital/Analog Visual Interface, PCB Receptacle, Through Hole,Right Angle, with Shielding, with Beveled Metal Pins, Gold(Au) Flash Plating, 2.34mm
0743203004 MOLEX8-0743203004 Datasheet
226Kb / 4P
MicroCross??DVI-I Digital/Analog Visual Interface, PCB Receptacle, Panel MountThrough Hole, Vertical, Gold Flash, Lead Free, Screw Hole, 4-40 Thread, 29 Circuits
0743201004 MOLEX8-0743201004 Datasheet
249Kb / 4P
MicroCross??DVI-I Digital/Analog Visual Interface, PCB Receptacle, Panel Mount,Through Hole, Right Angle, Gold (Au) Flash Plating, Screw Hole, 4-40 Thread, 2.34mm
0743201004 MOLEX1-0743201004_18 Datasheet
34Kb / 2P
MicroCross DVI-I Digital/Analog Visual Interface, PCB Receptacle, Panel Mount, Through Hole, Right-Angle, Gold (Au) Flash Plating, Screw Hole, 4-40 Thread, 2.34mm PC Tail Length, 29 Circuits, Lead-Free
0743209004 MOLEX1-0743209004_18 Datasheet
35Kb / 2P
MicroCross DVI-D Digital Visual Interface, PCB Receptacle, Panel Mount, Through Hole, ATX with Beveled Metal Pins, Right-Angle, Gold (Au) Flash, 2.34mm Solder Tail Length, Screw Hole, 4-40 Thread, 24 Circuits, Lead-Free
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com